Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50462 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SC50462 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
3
PIN DESCRIPTION
Pin No.
Pin Name
Input/output
Description
1,24
Vss,Vcc
Power
Power Supply: Vcc=3.0V,Vss=0V
2,3
OSCI,OSCO
I/O
Oscillator Input/Output Pin, 455 or 480kHz Crystal is connected
between these pins.
4
CNTR
O
Transmitting Indicator. An LED and resistor are connected from
this pintoVcc.
5~12
S1~S8
O
Key Scan Signal Output pins.
13~20
I1~I8
I
Key Scan Signal Input pins.
21,22
C4
C5
,
I
Custom Code
23
OUT
O
Modulation Pin
FUNCTIONAL DESCRIPTION
SC50462 is a sending signal IC on infrared remote control. Consisting of timing generating circuit, scan signal
generating circuit, key input encoder, instruction decoder, custom code circuit, code encoder, and output buffer. It
has 8*8 key matrix input and custom code with 16 bit PCM which shows 76 instructions.76Instruction are devided
in 64 one shot signal and 12 2-shot signal.
When Input Signal(I1~I8) and/or in combination with the Scan Signals(S1~S8) are activated, SC50462 checks
the ID and the Custom Code Bits--
4
C
and
5
C --setting before finally sending out the remote control signal.
1. CNTR OUTPUT
The CNTR Pin is the LED transmission Indicator. This means that Whenever a valid transmission is sent, the
LED lights up. The CNTR output becomes “L” in the 7
th pulse-rising and “H” in the 17th pulse-rising.
C0
C1
C2
C3
C4
C5
C7
D0
D1
D2
D3 D4
D5
D6
D7
C6
7th
17th
One Word
OUT
CNTR
Next
Frame
44ms or 46.4ms
Note: Oscillator Frequency=480 or 455kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com