Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50462 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC50462 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
4
2. OSCILLATING CIRCUIT
An oscillator circuit may be constructed by using a 480kHz or 455kHz Crystal Resonator and two capacitors.
Please refer to the following diagram. The carrier frequency transmitted is 40kHz or 37.9kHz.Unless any legal key
input is activated, the oscillation is automatically stopped. Thus ,power consumption is considerably reduced.
OSCI
OSCO
480kHz/
455kHz
200pF
200pF
SC50462
2
3
3. KEY INPUT
A total of 64 keys may be connected by Input Pins(I1~I8) and Output Pins(S1~S8) to form an 8x8 Key Matrix.
Double key operation is possible for only one of the keys—SW25~SW28 in combination with any one of the keys –
SW11~SW13. Any other key combination are regards as illegal and will not generate any activity. Thus, only the
following key combinations may be used for the doubled key operation:
S1
S2
S3
S4
S5
S6
S7
S8
I8
I7
I6
I5
I4
I3
I2
I1
SW11
SW12
SW13
SW25
SW26
SW27
SW28
SW25 and SW11
SW25 and SW12
SW25 and SW13
SW26 and SW11
SW26 and SW12
SW26 and SW13
SW27 and SW11
SW27 and SW12
SW27 and SW13
SW28 and SW11
SW28 and SW12
SW28 and SW13
Note:
SC50462 permits two keys
function but only “
” key are
allowed.
When you push one key of
SW11/12/13, you can push with
another key of SW25/26/27/28.
Otherwise, other conditions are
illegal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com