Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC50462 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC50462
Description  INFRARED REMOTE CONTROL TRANSMITTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC50462 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC50462 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC50462 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Silan
Semiconductors
SC50462
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 2.1
2002-02-28
1
INFRARED REMOTE CONTROL
TRANSMITTER
DESCRIPTION
The
SC50462 is a remote control transmitter utilizing CMOS
technology specially designed for use on infrared applications. It
has 64 functions and a total of 76 commands can be transmitted.
Housed in 24 pins DIP package, SC50462 has 2 address bits.
FEATURES
* High performance CMOS technology
* Low power consumption
* Least external components.
* Up to 76 instructions
* Double key operation is possible.
APPLICATIONS
* Television remote control transmitter
* Video cassette recorder(VCR) remote control transmitter
SOP-24
SDIP-24
ORDERING INFORMATION
SC50462
SC50462S
SDIP-24 Package
SOP-24 Package
BLOCK DIAGRAM
Key
Encoder
Scan Signal Generating Circuit
Oscillation
Circuit
Output
Buffer
Code
Modulator
Timing
Generator
Instruction
Decoder
15
13
14
16
17
18
19
20
7
5
6
8
9
10
11
12
2
3
23
4
21
22
24
1
I1
I2
I3
I4
I5
I6
I7
I7
S1
S2
S3
S4
S5
S6
S7
S8
OSCI
OSCO
OUT
CNTR
C4
C5
Vcc
Vss


Similar Part No. - SC50462

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC50462 SILAN-SC50462 Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
SC50462S SILAN-SC50462S Datasheet
299Kb / 11P
INFRARED REMOTE CONTROL TRANSMITTER OF 50462 CODE FORMAT
logo
SHENZHEN FUMAN ELECTRON...
SC50462T FUMAN-SC50462T Datasheet
255Kb / 4P
16Pin infrared remote control IC
SC50462TS FUMAN-SC50462TS Datasheet
255Kb / 4P
16Pin infrared remote control IC
More results

Similar Description - SC50462

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
Infrared Remote Control Transmitter???
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
Infrared Remote Control Transmitter???
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Silan Microelectronics ...
SC50560 SILAN-SC50560 Datasheet
224Kb / 15P
INFRARED REMOTE CONTROL TRANSMITTER
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
Infrared Remote Control Transmitter
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com