Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTA6SG-V2AB-35 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LTA6SG-V2AB-35
Description  SIDELED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTA6SG-V2AB-35 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LTA6SG-V2AB-35 Datasheet HTML 4Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 5Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 6Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 7Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 8Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 9Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 10Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 11Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2013-10-02
8
Version 1.2
LT A6SG
Forward Current 6) page 20
Durchlassstrom 6) Seite20
IF = f (VF); TS = 25 °C
Relative Luminous Intensity 6) page 20 , 7) page 20
Relative Lichtstärke 6) Seite 20 , 7) Seite 20
IV/IV(20 mA) = f(IF); TS = 25 °C
2.5
1
10
10
2
5
OHL02359
10
0
3
3.5
4
4.5 V 5
5
mA
V
F
F
I
V (20 mA)
I
I
V
I
F
10 0
10 1
10 2
mA
10
-1
0
10
10
1
5
5
OHL02386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com