Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTA6SG-V2AB-35 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LTA6SG-V2AB-35
Description  SIDELED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTA6SG-V2AB-35 Datasheet(HTML) 1 Page - OSRAM GmbH

  LTA6SG-V2AB-35 Datasheet HTML 1Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 2Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 3Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 4Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 5Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 6Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 7Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 8Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2013-10-02
1
2013-10-02
SIDELED
Datasheet
Version 1.2
LT A6SG
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
silicone resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Silikon-Verguss
• Technology: ThinGaN
• Technologie: ThinGaN
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: true green (528 nm)
• Farbe: true green (528 nm)
Applications
Anwendungen
• Coupling into light guides
• Einkopplung in Lichtleiter
• Backlighting
• Hinterleuchtung
• Signal and Symbol Luminary
• Signal- und Symbolleuchten


Similar Part No. - LTA6SG-V2AB-35

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LTA6SG-V1AB-36 OSRAM-LTA6SG-V1AB-36 Datasheet
555Kb / 16P
Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
More results

Similar Description - LTA6SG-V2AB-35

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSA670 SIEMENS-LSA670 Datasheet
61Kb / 8P
SIDELED
logo
OSRAM GmbH
LG-A67K-H2K1-24-Z OSRAM-LG-A67K-H2K1-24-Z Datasheet
469Kb / 19P
SIDELED
LS-A676-P2S1-1-Z OSRAM-LS-A676-P2S1-1-Z Datasheet
448Kb / 19P
SIDELED
LT-A67C-S2U1-35-Z OSRAM-LT-A67C-S2U1-35-Z Datasheet
446Kb / 19P
SIDELED
LY-A67K-K2M1-26-Z OSRAM-LY-A67K-K2M1-26-Z Datasheet
472Kb / 19P
SIDELED
LTA673 OSRAM-LTA673 Datasheet
588Kb / 21P
SIDELED
LTA67C OSRAM-LTA67C Datasheet
582Kb / 21P
SIDELED
LAA67F OSRAM-LAA67F Datasheet
494Kb / 21P
SIDELED
SFH-325 OSRAM-SFH-325 Datasheet
401Kb / 15P
SIDELED
SFH-325-FA OSRAM-SFH-325-FA Datasheet
396Kb / 14P
SIDELED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com