Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTA6SG-V2AB-35 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LTA6SG-V2AB-35
Description  SIDELED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTA6SG-V2AB-35 Datasheet(HTML) 4 Page - OSRAM GmbH

  LTA6SG-V2AB-35 Datasheet HTML 1Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 2Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 3Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 4Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 5Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 6Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 7Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 8Page - OSRAM GmbH LTA6SG-V2AB-35 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2013-10-02
4
Version 1.2
LT A6SG
Characteristics (TS = 25 °C; IF = 20 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
λpeak
523
nm
Dominant Wavelength 2)page 20
Dominantwellenlänge 2) Seite 20
(min.)
(typ.)
(max.)
λdom
λdom
λdom
519
528
543
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
Δλ
33
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2ϕ
120
°
Forward voltage 3) page 20
Durchlassspannung 3)Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.80
3.20
3.70
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Temperature coefficient of λpeak
Temperaturkoeffizient von λpeak
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλpeak
0.04
nm/K
Temperature coefficient of λdom
Temperaturkoeffizient von λdom
(-10°C ≤ T ≤ 100°C)
(typ.)
TCλdom
0.03
nm/K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(-10°C ≤ T ≤ 100°C)
(typ.)
TCV
-3.60
mV/K
Real thermal resistance junction / ambient
4) page 20 , 5) page 20
Realer Wärmewiderstand Sperrschicht /
Umgebung 4) Seite 20 , 5) Seite 20
(max.)
Rth JA real
380
K/W
Real thermal resistance junction / solder point
5) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
5) Seite 20
(max.)
Rth JS real
220
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com