Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DH Datasheet(PDF) 45 Page - STMicroelectronics

Part # IIS2DH
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DH Datasheet(HTML) 45 Page - STMicroelectronics

Back Button IIS2DH Datasheet HTML 41Page - STMicroelectronics IIS2DH Datasheet HTML 42Page - STMicroelectronics IIS2DH Datasheet HTML 43Page - STMicroelectronics IIS2DH Datasheet HTML 44Page - STMicroelectronics IIS2DH Datasheet HTML 45Page - STMicroelectronics IIS2DH Datasheet HTML 46Page - STMicroelectronics IIS2DH Datasheet HTML 47Page - STMicroelectronics IIS2DH Datasheet HTML 48Page - STMicroelectronics IIS2DH Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
DocID027668 Rev 2
45/49
IIS2DH
Register description
49
7.29
CLICK_THS (3Ah)
7.30
TIME_LIMIT (3Bh)
7.31
TIME_LATENCY (3Ch)
7.32
TIME_WINDOW (3Dh)
Table 73. CLICK_THS register
-
Ths6
Ths5
Ths4
Ths3
Ths2
Ths1
Ths0
Table 74. CLICK_SRC description
Ths[6:0]
Click threshold. Default value: 000 0000
Table 75. TIME_LIMIT register
-
TLI6
TLI5
TLI4
TLI3
TLI2
TLI1
TLI0
Table 76. TIME_LIMIT description
TLI[6:0]
Click time limit. Default value: 000 0000
Table 77. TIME_LATENCY register
TLA7
TLA6
TLA5
TLA4
TLA3
TLA2
TLA1
TLA0
Table 78. TIME_LATENCY description
TLA[7:0]
Click time latency. Default value: 0000 0000
Table 79. TIME_WINDOW register
TW7
TW6
TW5
TW4
TW3
TW2
TW1
TW0
Table 80. TIME_WINDOW description
TW[7:0]
Click time window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com