Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DH Datasheet(PDF) 43 Page - STMicroelectronics

Part # IIS2DH
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DH Datasheet(HTML) 43 Page - STMicroelectronics

Back Button IIS2DH Datasheet HTML 39Page - STMicroelectronics IIS2DH Datasheet HTML 40Page - STMicroelectronics IIS2DH Datasheet HTML 41Page - STMicroelectronics IIS2DH Datasheet HTML 42Page - STMicroelectronics IIS2DH Datasheet HTML 43Page - STMicroelectronics IIS2DH Datasheet HTML 44Page - STMicroelectronics IIS2DH Datasheet HTML 45Page - STMicroelectronics IIS2DH Datasheet HTML 46Page - STMicroelectronics IIS2DH Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
DocID027668 Rev 2
43/49
IIS2DH
Register description
49
Interrupt 2 source register. Read-only register.
Reading at this address clears the INT2_SRC (35h) IA bit (and the interrupt signal on the
INT2 pin) and allows the refresh of data in the INT2_SRC (35h) register if the latched option
was chosen.
7.25
INT2_THS (36h)
7.26
INT2_DURATION (37h)
The D[6:0] bits set the minimum duration of the Interrupt 2 event to be recognized. Duration
time steps and maximum values depend on the ODR chosen.
7.27
CLICK_CFG (38h)
YL
Y low. Default value: 0
(0: no interrupt, 1: Y low event has occurred)
XH
X high. Default value: 0
(0: no interrupt, 1: X high event has occurred)
XL
X low. Default value: 0
(0: no interrupt, 1: X low event has occurred)
Table 64. INT2_SRC description (continued)
Table 65. INT2_THS register
0
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 66. INT2_THS description
THS[6:0]
Interrupt 2 threshold. Default value: 000 0000
1 LSb = 16 mg @ FS = 2 g
1 LSb = 32 mg @ FS = 4 g
1 LSb = 62 mg @ FS = 8 g
1 LSb = 186 mg @ FS = 16 g
Table 67. INT2_DURATION register
0
D6D5D4D3D2D1D0
Table 68. INT2_DURATION description
D[6:0]
Duration value. Default value: 000 0000
1 LSb = 1/ODR(1)
1. Duration time is measured in N/ODR, where N is the content of the duration register.
Table 69. CLICK_CFG register
--
--
ZD
ZS
YD
YS
XD
XS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com