Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IIS2DH Datasheet(PDF) 16 Page - STMicroelectronics

Part # IIS2DH
Description  Ultra-low-power high-performance 3-axis accelerometer with digital output for industrial applications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS2DH Datasheet(HTML) 16 Page - STMicroelectronics

Back Button IIS2DH Datasheet HTML 12Page - STMicroelectronics IIS2DH Datasheet HTML 13Page - STMicroelectronics IIS2DH Datasheet HTML 14Page - STMicroelectronics IIS2DH Datasheet HTML 15Page - STMicroelectronics IIS2DH Datasheet HTML 16Page - STMicroelectronics IIS2DH Datasheet HTML 17Page - STMicroelectronics IIS2DH Datasheet HTML 18Page - STMicroelectronics IIS2DH Datasheet HTML 19Page - STMicroelectronics IIS2DH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 49 page
background image
Mechanical and electrical specifications
IIS2DH
16/49
DocID027668 Rev 2
2.6
Terminology and functionality
Terminology
2.6.1
Sensitivity
Sensitivity describes the gain of the sensor and can be determined by applying 1 g
acceleration to it. As the sensor can measure DC accelerations, this can be done easily by
pointing the axis of interest towards the center of the Earth, noting the output value, rotating
the sensor by 180 degrees (pointing to the sky) and noting the output value again. By doing
so, ±1 g acceleration is applied to the sensor. Subtracting the larger output value from the
smaller one, and dividing the result by 2, leads to the actual sensitivity of the sensor. This
value changes very little over temperature and time. The sensitivity tolerance describes the
range of sensitivities of a large population of sensors.
2.6.2
Zero-g level
The zero-g level offset (TyOff) describes the deviation of an actual output signal from the
ideal output signal if no acceleration is present. A sensor in a steady state on a horizontal
surface will measure 0 g for the X-axis and 0 g for the Y-axis whereas the Z-axis will
measure 1 g. The output is ideally in the middle of the dynamic range of the sensor (content
of OUT registers 00h, data expressed as two’s complement number). A deviation from the
ideal value in this case is called zero-g offset. Offset is to some extent a result of stress to
the MEMS sensor and therefore the offset can slightly change after mounting the sensor on
a printed circuit board or exposing it to extensive mechanical stress. Offset changes little
over temperature, see Table 3 “Zero-g level change vs. temperature” (TCOff). The zero-g
level tolerance (TyOff) describes the standard deviation of the range of zero-g levels of a
population of sensors.
Functionality
2.6.3
High-resolution, normal mode, low-power mode
The IIS2DH provides three different operating modes: high-resolution mode, normal mode
and low-power mode.
The table below summarizes how to select the different operating modes.
Table 9. Operating mode selection
Operating mode
CTRL_REG1[3]
(LPen bit)
CTRL_REG4[3]
(HR bit)
BW [Hz]
Turn-on
time [ms]
So @ ±2 g
[mg/digit]
Low-power mode
(8-bit data output)
1
0
ODR/2
1
16
Normal mode
(10-bit data output)
0
0
ODR/2
1.6
4
High-resolution mode
(12-bit data output)
0
1
ODR/9
7/ODR
1
Not allowed
1
1
--
--
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com