Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1640C Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1640C
Description  Personal Computer Power FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1640C Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1640C Datasheet HTML 1Page - Dallas Semiconductor DS1640C Datasheet HTML 2Page - Dallas Semiconductor DS1640C Datasheet HTML 3Page - Dallas Semiconductor DS1640C Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS1640/DS1640C
3 of 4
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
3.0
5.5
V
1, 2
Logic 0 Input 3.0 V < VCC <
4.5 V
VIL2
-0.3
+0.5
V
Logic 0 Input 4.5 V < VCC <
5.0 V
VIL1
-0.3
+0.8
V
1
Logic 1 Input 3.0 V < VCC <
5.0 V
VIH
2.0
VCC +0.5
V
1, 7
Source Voltage
VSOURCE
VCC +0.5
V
1, 7
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = +5V + 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICC1
0.3
1
mA
3
Supply Current
ICC2
0.1
1
µA
4
Switch Off Leakage
ISL
100
nA
Switch On Resistance
RON
0.3
0.67
Ω
Switch Current @ VF = 200
mV
IS
300
mA
5
Input Leakage
IIL
-1
+1
µA
6
Gate Input Capacitance
CG
5pF
7
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = +5V + 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Switching Time (OFF → ON)
tSTON
10
µs
Switching Time (ON → OFF)
tSTOFF
10
µs
Minimum Time to Engage
Latch
tLM
50
ns



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com