Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1640C Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1640C
Description  Personal Computer Power FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1640C Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1640C Datasheet HTML 1Page - Dallas Semiconductor DS1640C Datasheet HTML 2Page - Dallas Semiconductor DS1640C Datasheet HTML 3Page - Dallas Semiconductor DS1640C Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS1640/DS1640C
4 of 4
NOTES:
1. All voltages are referenced to ground.
2. When VCC is below minimum limits output levels are not guaranteed.
3. ICC1 is the supply current with one or more switches on.
4. ICC2 is when all switches are off and all inputs are within 0.5V of a supply rail.
5. Each switch is capable of carrying 300 mA maximum at 200 mV forward drop.
6. Input leakage applies to the four gate inputs and the latch input only.
7. Applies to each of four gate inputs and the latch input.
Dallas Semiconductor devices are built to the highest quality standards and manufactured for long term
reliability. All DS1640 devices are made using the same quality materials and manufacturing methods.
However, consumer versions of the DS1640 are not exposed to environmental stresses that some
commercial device manufacturing flows require. Devices that are designated as consumer product have a
“C” designator in the product number. For example, the DS1640C is a consumer grade product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com