Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1640C Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1640C
Description  Personal Computer Power FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1640C Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1640C Datasheet HTML 1Page - Dallas Semiconductor DS1640C Datasheet HTML 2Page - Dallas Semiconductor DS1640C Datasheet HTML 3Page - Dallas Semiconductor DS1640C Datasheet HTML 4Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1 of 4
111999
FEATURES
Contains four P channel power FET switches
that can each supply over 300 mA @ 0.2 volts
drop
Controlled directly from CMOS or TTL level
signals
Fast switching time of less than 10
µs at rated
supply current
16-pin DIP or 16-pin SOIC surface mount
package
Positive logic signal turns each FET on and
ground or low level signal turns each FET off
Off condition allows less than 50 nA of
current flow
Low control gate capacitance of less than 5
pF
FET gates can either follow inputs or be
latched
Designed for use with power supplies ranging
from +3 to +5 volts
PIN ASSIGNMENT
PIN DESCRIPTION
VCC
- +3 to +5 Volt Input
GND
- Ground
IN1-IN4
- FET Sources
OUT1-OUT4
- FET Drains
GATE1-GATE4
- FET Control Gates
NC
- No Connection
LATCH
- Gate Inputs Latch Control
DESCRIPTION
The DS1640 contains four P channel power MOS FETs designed as switches to conserve power in
personal computer systems. When connected to power management control units, power consuming
devices like disk drives or display panel backlights can be routinely shut down to conserve battery or
main power supply energy. The P channel power MOS FETs are individually controlled and are capable
of handling 300 mA each continuously with less than 0.2 volts drop from input to output. The device
requires a +3 Û +5 volt power supply input which is used to power internal logic and to operate a gate
bias generator.
DS1640/DS1640C
Personal Computer Power FET
www.dalsemi.com
IN1
16-Pin DIP (300-mil)
See Mech. Drawings Section
15
OUT1
GND
GATE2
IN2
IN4
GATE4
OUT4
NC
VCC
OUT3
GATE3
IN3
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
GATE1
LATCH
OUT2
IN1
16-Pin DIP SOIC (300-mil)
See Mech. Drawings Section
15
OUT1
GND
GATE2
IN2
IN4
GATE4
OUT4
NC
VCC
OUT3
GATE3
IN3
1
2
3
4
5
6
7
8
16
14
13
12
11
10
9
GATE1
LATCH
OUT2


Similar Part No. - DS1640C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1640C MAXIM-DS1640C Datasheet
79Kb / 4P
Personal Computer Power FET
111999
More results

Similar Description - DS1640C

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC835 TELCOM-TC835 Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
logo
Microchip Technology
TC835 MICROCHIP-TC835 Datasheet
543Kb / 24P
Personal Computer Data Acquisition A/D Converter
2002
logo
Freescale Semiconductor...
MPC821 FREESCALE-MPC821 Datasheet
975Kb / 12P
PowerPC Personal Syetems Microprocessor
MC908MR16CFUE FREESCALE-MC908MR16CFUE Datasheet
1Mb / 282P
On-chip programming firmware for use with host personal computer, Clock generator module (CGM)
logo
Extech Instruments Corp...
SL355 EXTECH-SL355 Datasheet
460Kb / 1P
Personal Noise Dosimeter
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
CRA MERITEK-CRA Datasheet
281Kb / 1P
Personal Computer
logo
Abracon Corporation
APAMP-110 ABRACON-APAMP-110 Datasheet
2Mb / 3P
Personal Tracking
10.27.14
logo
Dialog Semiconductor
SLG46120 DIALOG-SLG46120 Datasheet
878Kb / 92P
Personal Computers and Servers
logo
Maxim Integrated Produc...
DS1640 MAXIM-DS1640 Datasheet
79Kb / 4P
Personal Computer Power FET
111999
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com