Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835 Datasheet (PDF) - Microchip Technology

TC835 Datasheet PDF - Microchip Technology
Part # TC835
Download  TC835 Download
File Size   543.53 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Personal Computer Data Acquisition A/D Converter

TC835 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC835 Datasheet PDF - Microchip Technology

Part # TC835
Download  TC835 Click to download

File Size   543.53 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Personal Computer Data Acquisition A/D Converter

TC835 Datasheet (HTML) - Microchip Technology


TC835 Product details

GENERAL DESCRIPTION
The TC835 is a low-power, 4-1/2 digit (0.005% resolution), BCD analog-to-digital converter (ADC) that has been characterized for 200 kHz clock rate operation. The five conversions per second rate is nearly twice as fast as the ICL7135 or TC7135. The TC835 (like the TC7135) does not use the external diode-resistor roll-over error compensation circuits required by the ICL7135.
The multiplexed BCD data output is perfect for interfacing to personal computers. The low-cost, greater than 14-bit high-resolution, and 100 µV sensitivity makes the TC835 exceptionally cost-effective.
Microprocessor-based data acquisition systems are supported by the BUSY and STROBE outputs, along with the RUN/HOLD input of the TC835. The overrange, under range, busy, and run/hold control functions and multiplexed BCD data outputs make the TC835 the ideal converter for µP-based scales and measurement systems and intelligent panel meters.*
The TC835 interfaces with full-function LCD and LED display decoder/drivers. The UNDERRANGE and OVERRANGE outputs may be used to implement an autoranging scheme or special display functions.

FEATURES
■ Upgrade of Pin-Compatible TC7135, ICL7135, MAX7135 and SI7135
■ Guaranteed 200 kHz Operation
■ Single 5V Operation With TC7660
■ Multiplexed BCD Data Output
■ UART and Microprocessor Interface
■ Control Outputs for Auto-Ranging
■ Input Sensitivity ............................................ 100 µV
■ No Sample and Hold Required

APPLICATIONS
■ Personal Computer Data Acquisition
■ Scales, Panel Meters, Process Controls
■ HP-IL Bus Instrumentation




Similar Part No. - TC835

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC835 TELCOM-TC835 Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
TC835CBU TELCOM-TC835CBU Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
TC835CKW TELCOM-TC835CKW Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
TC835CPI TELCOM-TC835CPI Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
logo
France Joint
TC835X62X8 FRANCEJOINT-TC835X62X8 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
More results


Similar Description - TC835

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC835 TELCOM-TC835 Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
12-Bit Successive Approximation High Acquisition A/D Converter
logo
Dallas Semiconductor
DS1640 DALLAS-DS1640 Datasheet
84Kb / 4P
Personal Computer Power FET
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
CRA MERITEK-CRA Datasheet
281Kb / 1P
Personal Computer
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
DS1640 MAXIM-DS1640 Datasheet
79Kb / 4P
Personal Computer Power FET
111999
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com