Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC835
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835 Datasheet(HTML) 5 Page - Microchip Technology

  TC835 Datasheet HTML 1Page - Microchip Technology TC835 Datasheet HTML 2Page - Microchip Technology TC835 Datasheet HTML 3Page - Microchip Technology TC835 Datasheet HTML 4Page - Microchip Technology TC835 Datasheet HTML 5Page - Microchip Technology TC835 Datasheet HTML 6Page - Microchip Technology TC835 Datasheet HTML 7Page - Microchip Technology TC835 Datasheet HTML 8Page - Microchip Technology TC835 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21478B-page 5
TC835
Power Supply
V+
Positive Supply Voltage
4
5
6
V
V–
Negative Supply Voltage
-3
-5
-8
V
I+
Positive Supply Current
—
1
3
mA
fCLK =0Hz
I–
Negative Supply Current
—
0.7
3
mA
fCLK =0Hz
PD
Power Dissipation
—
8.5
30
m
Ω
fCLK =0Hz
TC835 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: TA =+25°C, FCLOCK = 200kHz, V+ = +5V, V- = -5V, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Functional operation is not implied.
2:
Limit input current to under 100 µA if input voltages exceed supply voltage.
3:
Full scale voltage = 2V.
4:
VIN =0V.
5:
0°C
≤ TA ≤ +70°C.
6:
External reference temperature coefficient less than 0.01ppm/°C.
7:
-2V
≤ V
IN ≤ +2V. Error of reading from best fit straight line.
8:
|VIN| = 1.9959.
9:
Test circuit shown in Figure 1-1.
10: Specification related to clock frequency range over which the TC835 correctly performs its various functions. Increased
errors result at higher operating frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com