Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC835
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835 Datasheet(HTML) 1 Page - Microchip Technology

  TC835 Datasheet HTML 1Page - Microchip Technology TC835 Datasheet HTML 2Page - Microchip Technology TC835 Datasheet HTML 3Page - Microchip Technology TC835 Datasheet HTML 4Page - Microchip Technology TC835 Datasheet HTML 5Page - Microchip Technology TC835 Datasheet HTML 6Page - Microchip Technology TC835 Datasheet HTML 7Page - Microchip Technology TC835 Datasheet HTML 8Page - Microchip Technology TC835 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21478B-page 1
TC835
Features
• Upgrade of Pin-Compatible TC7135, ICL7135
• 200kHz Operation
• Single 5V Operation With TC7660
• Multiplexed BCD Data Output
• UART and Microprocessor Interface
• Control Outputs for Auto-Ranging
• Input Sensitivity: 100µV
• No Sample and Hold Required
Applications
• Personal Computer Data Acquisition
• Scales, Panel Meters, Process Controls
• HP-IL Bus Instrumentation
Device Selection Table
General Description
The TC835 is a low power, 4-1/2 digit (0.005%
resolution), BCD analog to digital converter (ADC) that
has been characterized for 200kHz clock rate opera-
tion. The five conversions per second rate is nearly
twice as fast as the ICL7135 or TC7135. The TC835,
like the TC7135, does not use the external diode resis-
tor rollover error compensation circuits required by the
ICL7135.
The multiplexed BCD data output is perfect for interfac-
ing to personal computers. The low cost, greater than
14-bit high-resolution and 100
µV sensitivity makes the
TC835 exceptionally cost-effective.
Microprocessor-based data acquisition systems are
supported by the BUSY and STROBE outputs, along
with the RUN/HOLD
input of the
TC835. The
OVERRANGE, UNDERRANGE, BUSY and RUN/
HOLD control functions, plus multiplexed BCD data
outputs, make the TC835 the ideal converter for
µP-
based scales, measurement systems and intelligent
panel meters.
The TC835 interfaces with full function LCD and LED
display decoder/drivers. The UNDERRANGE and
OVERRANGE outputs may be used to implement an
auto-ranging scheme or special display functions.
Part Number
Package
Temperature Range
TC835CBU
64-Pin PQFP
0
°Cto +70°C
TC835CKW
44-Pin PQFP
0
°Cto +70°C
TC835CPI
28-Pin PDIP
0
°Cto +70°C
Note:
Tape and Reel available for 44-Pin PQFP
package.
Personal Computer Data Acquisition A/D Converter


Similar Part No. - TC835

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC835 TELCOM-TC835 Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
TC835CBU TELCOM-TC835CBU Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
TC835CKW TELCOM-TC835CKW Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
TC835CPI TELCOM-TC835CPI Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
logo
France Joint
TC835X62X8 FRANCEJOINT-TC835X62X8 Datasheet
317Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - TC835

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC835 TELCOM-TC835 Datasheet
206Kb / 12P
PERSONAL COMPUTER DATA ACQUISITION A/D CONVERTER
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
12-Bit Successive Approximation High Acquisition A/D Converter
logo
Dallas Semiconductor
DS1640 DALLAS-DS1640 Datasheet
84Kb / 4P
Personal Computer Power FET
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
Data Acquisition
logo
Semtech Corporation
XE8805 SEMTECH-XE8805 Datasheet
1Mb / 156P
Data Acquisition MCU
Rev 1 January 2006
logo
MERITEK ELECTRONICS COR...
CN MERITEK-CN Datasheet
210Kb / 1P
Personal Computer
CRA MERITEK-CRA Datasheet
281Kb / 1P
Personal Computer
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
Continuous Data Acquisition
Rev 0; 11/11
DS1640 MAXIM-DS1640 Datasheet
79Kb / 4P
Personal Computer Power FET
111999
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
Multipurpose data acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com