Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC835
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC835 Datasheet HTML 4Page - Microchip Technology TC835 Datasheet HTML 5Page - Microchip Technology TC835 Datasheet HTML 6Page - Microchip Technology TC835 Datasheet HTML 7Page - Microchip Technology TC835 Datasheet HTML 8Page - Microchip Technology TC835 Datasheet HTML 9Page - Microchip Technology TC835 Datasheet HTML 10Page - Microchip Technology TC835 Datasheet HTML 11Page - Microchip Technology TC835 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TC835
DS21478B-page 8
© 2002 Microchip Technology Inc.
FIGURE 3-2:
SYSTEM ZERO PHASE
3.2.2
ANALOG INPUT SIGNAL
INTEGRATION
The TC835 integrates the differential voltage between
the +INPUT and -INPUT pins. The differential voltage
must be within thedeviceCommonmoderange (-1V
from either supply rail, typically). The input signal polarity
is determined at the end of this phase (see Figure 3-3).
FIGURE 3-3:
INPUT SIGNAL
INTEGRATION PHASE
3.2.3
REFERENCE VOLTAGE
INTEGRATION
The previously charged reference capacitor is con-
nected with the proper polarity to ramp the integrator
output back to zero (see Figure 3-4). The digital reading
displayed is:
FIGURE 3-4:
REFERENCE VOLTAGE
INTEGRATION CYCLE
3.2.4
INTEGRATOR OUTPUT ZERO
This phase guarantees the integrator output is at 0V
when the system zero phase is entered and that the
true system offset voltages are compensated for. This
phase normally lasts 100 to 200 clock cycles. If an
overrange condition exists, the phase is extended to
6200 clock cycles (see Figure 3-5).
FIGURE 3-5:
INTEGRATOR OUTPUT
ZERO PHASE
TABLE 3-1:
INTERNAL ANALOG GATE STATUS
+
-
+IN
REF
IN
Analog
Common
– IN
SWR
SWIZ
SWZ
SWZ
Integrator
Switch Closed
Switch Open
SWRI+
Comparator
To Digital
Section
Analog
Input Buffer
RINT
CINT
CREF
CSZ
SWRI-
SWI
SWZ
SWRI+SWRI-
SWI
SW1
+
-
Analog
Common
– IN
Integrator
Switch Closed
Switch Open
Comparator
To
Digital
Section
Analog
Input Buffer
RINT
CINT
CREF
CSZ
SWI
+IN
SWRI+
SWRI-
REF
IN
SWR
SWZ
SWI
SW1
SWRI+SWRI-
SWIZ
SWZ
SWZ
Reading = 10,000
[Differential Input]
VREF
+
-
REF
IN
Analog
Common
– IN
Integrator
Switch Closed
Switch Open
Comparator
To Digital
Section
Analog
Input Buffer
RINT
CINT
CREF
CSZ
SWRI+
SWRI+SWRI-
SWRI-
SWI
SWI
SW1
SWR
SWZ
SWIZ
SWZ
SWZ
+IN
+
-
+ IN
Analog
Common
– IN
Integrator
Switch Closed
Switch Open
Comparator
To Digital
Section
Analog
Input Buffer
CREF
SWI
SWRI+
SWRI-
REF
IN
SWR
SWZ
SWI
SWRI+SWRI-
SW1
SWIZ
SWZ
RINT
CINT
CSZ
SWZ
Conversion Cycle Phase
SWI
SWRI+SWRI-SWZ
SWR
SW1
SWIZ
Reference Figures
System Zero
Closed
Closed
Closed
Figure 3-2
Input Signal Integration
Closed
Figure 3-3
Reference Voltage Integration
Closed*
Closed
Figure 3-4
Integrator Output Zero
Closed
Closed
Figure 3-5
*Note:
Assumes a positive polarity input signal. SWRI would be closed for a negative input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com