Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC835 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC835
Description  Personal Computer Data Acquisition A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC835 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC835 Datasheet HTML 9Page - Microchip Technology TC835 Datasheet HTML 10Page - Microchip Technology TC835 Datasheet HTML 11Page - Microchip Technology TC835 Datasheet HTML 12Page - Microchip Technology TC835 Datasheet HTML 13Page - Microchip Technology TC835 Datasheet HTML 14Page - Microchip Technology TC835 Datasheet HTML 15Page - Microchip Technology TC835 Datasheet HTML 16Page - Microchip Technology TC835 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2002 Microchip Technology Inc.
DS21478B-page 13
TC835
Smaller or cheaper capacitors can be used if accurate
readings are not required for the first few seconds of
recovery.
6.1.3
REFERENCE VOLTAGE
The analog input required to generate a full scale out-
put is VIN =2VREF.
The stability of the reference voltage is a major factor in
the overall absolute accuracy of the converter. For this
reason, it is recommended that a high-quality reference
be used where high-accuracy absolute measurements
are being made.
6.2
Conversion Timing
6.2.1
LINE FREQUENCY REJECTION
A signal integration period at a multiple of the 60Hz line
frequency will maximize 60Hz "line noise" rejection. A
200kHz clock frequency will reject 60Hz and 400Hz
noise. This corresponds to five readings per second
(see Table 6-1 and Table 6-2).
TABLE 6-1:
CONVERSION RATE VS.
CLOCK FREQUENCY
TABLE 6-2:
LINE FREQUENCY VS.
CLOCK FREQUENCY
The conversion rate is easily calculated:
EQUATION 6-3:
6.3
Power Supplies and Grounds
6.3.1
POWER SUPPLIES
The TC835 is designed to work from ±5V supplies. For
single +5V operation, a TC7660 can provide a
–5V supply.
6.3.2
GROUNDING
Systems should use separate digital and analog
ground systems to avoid loss of accuracy.
6.4
High-Speed Operation
The maximum conversion rate of most dual-slope A/D
converters is limited by the frequency response of the
comparator. The comparator in this circuit follows the
integrator ramp with a 3
µsec delay, and at a clock fre-
quency of 200kHz (5
µsec period), half of the first refer-
ence integrate clock period is lost in delay. This means
that the meter reading will change from 0 to 1 with a
50
µV input, 1 to 2 with 150µV, 2to3 at 250µV, etc. This
transition at midpoint is considered desirable by most
users, however, if the clock frequency is increased
appreciably above 200kHz, the instrument will flash "1"
on noise peaks even when the input is shorted.
For many dedicated applications where the input signal
is always of one polarity, the delay of the comparator
need not be a limitation. Since the nonlinearity and
noise do not increase substantially with frequency,
clock rates of up to ~1MHz may be used. For a fixed
clock frequency, the extra count or counts caused by
comparator delay will be a constant and can be
subtracted out digitally.
The clock frequency may be extended above 200kHz
without this error, however, by using a low-value resis-
tor in series with the integrating capacitor. The effect of
the resistor is to introduce a small pedestal voltage onto
the integrator output at the beginning of the reference
integrate phase. By careful selection of the ratio
between this resistor and the integrating resistor (a few
tens of ohms in the recommended circuit), the compar-
ator delay can be compensated and the maximum
clock frequency extended by approximately a factor of
3. At higher frequencies, ringing and second-order
breaks will cause significant nonlinearities in the first
few counts of the instrument.
The minimum clock frequency is established by leak-
age on the auto zero and reference capacitors. With
most devices, measurement cycles as long as 10 sec-
onds give no measurable leakage error.
Oscillator Frequency
(kHz)
Conversion Rate
(Conv./Sec.)
100
2.5
120
3
200
5
300
7.5
400
10
800
20
1200
30
Oscillator Frequency
(kHz)
Line Frequency Rejection
60Hz
50Hz
400Hz
50.000
•
•
•
53.333
—
—
•
66.667
•
—
•
80.000
—
—
•
83.333
—
•
•
100.000
•
•
•
125.000
—
•
•
133.333
—
—
•
166.667
—
—
•
200.000
•
—
•
250.000
Reading 1/sec =
Clock Frequency (Hz)
4000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com