Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAL Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAL
Description  Dual Transil??array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAL Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAL Datasheet HTML 1Page - STMicroelectronics ESDAL Datasheet HTML 2Page - STMicroelectronics ESDAL Datasheet HTML 3Page - STMicroelectronics ESDAL Datasheet HTML 4Page - STMicroelectronics ESDAL Datasheet HTML 5Page - STMicroelectronics ESDAL Datasheet HTML 6Page - STMicroelectronics ESDAL Datasheet HTML 7Page - STMicroelectronics ESDAL Datasheet HTML 8Page - STMicroelectronics ESDAL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
July 2017
DocID7058 Rev 5
1/11
This is information on a product in full production.
www.st.com
ESDAL
Dual Transil™ array for ESD protection
Datasheet - production data
Features
Unidirectional device
Low leakage current (IR max. < 20 µA at
VBR)
300 W peak pulse power (8/20 µs)
Benefits
High ESD protection level: up to 30 kV
High integration
Suitable for high density boards
Complies with the following
standards
IEC 61000-4-2 (exceeds level 4) :
30 kV (air discharge)
30 kV (contact discharge)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
Entertainment
Signal communications
Connectivity
Comfort and convenience
Description
This device is a diode array designed to protect 1
line or 2 lines against ESD transients.
The device is ideal for applications where both
reduced line capacitance and board space saving
are required.
It can also be used as bidirectional suppressor by
connecting only pin 1 and 2.
Figure 1: Functional diagram
SOT23-3L
1
2
3


Similar Part No. - ESDAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC12-1T2 STMICROELECTRONICS-ESDALC12-1T2 Datasheet
211Kb / 11P
Single line transient surge voltage suppressor (TVS) for data and power line
13-Jun-2012
ESDALC14-1BF4 STMICROELECTRONICS-ESDALC14-1BF4 Datasheet
327Kb / 12P
Low clamping and low capacitance bidirectional single line ESD protection
03-Sep-2015
ESDALC14V2-1U2 STMICROELECTRONICS-ESDALC14V2-1U2 Datasheet
283Kb / 11P
Single-line low capacitance Transil??for ESD protection
23-Sep-2011
ESDALC14V2-2BP5 STMICROELECTRONICS-ESDALC14V2-2BP5 Datasheet
69Kb / 6P
Low capacitance TRANSIL™ array for ESD protection
08-Dec-2005
ESDALC20-1BF4 STMICROELECTRONICS-ESDALC20-1BF4 Datasheet
236Kb / 10P
Low clamping, low capacitance bidirectional single line ESD protection
01-Aug-2016
More results

Similar Description - ESDAL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
TRANSIL ARRAY FOR ESD PROTECTION
02-Apr-1000
ESDAXXL STMICROELECTRONICS-ESDAXXL Datasheet
60Kb / 6P
DUAL TRANSIL ARRAY FOR ESD PROTECTION
Mar-2000
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
TRANSIL??ARRAY FOR ESD PROTECTION
Nov-2002
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
Transil??array for ESD protection
26-Jun-2006
logo
Leshan Radio Company
LESDAXXXLT1G LRC-LESDAXXXLT1G Datasheet
619Kb / 7P
Dual transil array for ESD protection
LESDA25VLT1G LRC-LESDA25VLT1G Datasheet
729Kb / 7P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDA25LY STMICROELECTRONICS-ESDA25LY Datasheet
95Kb / 10P
Automotive dual Transil array for ESD protection
01-Feb-2010
logo
Leshan Radio Company
LESD6V8T1G LRC-LESD6V8T1G Datasheet
481Kb / 3P
Dual transil array for ESD protection
logo
STMicroelectronics
ESDALY STMICROELECTRONICS-ESDALY Datasheet
205Kb / 10P
Automotive dual Transil array for ESD protection
16-Feb-2012
ESDA37W STMICROELECTRONICS-ESDA37W Datasheet
218Kb / 10P
Dual Transil™ array for ESD protection
18-Dec-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com