Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1L Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1L
Description  Dual Transil??array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1L Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1L Datasheet HTML 1Page - STMicroelectronics ESDA6V1L Datasheet HTML 2Page - STMicroelectronics ESDA6V1L Datasheet HTML 3Page - STMicroelectronics ESDA6V1L Datasheet HTML 4Page - STMicroelectronics ESDA6V1L Datasheet HTML 5Page - STMicroelectronics ESDA6V1L Datasheet HTML 6Page - STMicroelectronics ESDA6V1L Datasheet HTML 7Page - STMicroelectronics ESDA6V1L Datasheet HTML 8Page - STMicroelectronics ESDA6V1L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
ESDAL
2/11
DocID7058 Rev 5
1
Characteristics
Table 1: Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
Vpp
Peak pulse voltage(1)
IEC 61000-4-2:
Contact discharge
Air discharge
30
30
kV
Ppp
Peak pulse power (8/20 μs)
300
W
Ipp
Peak pulse current (8/20 μs)
ESDA5V3L
ESDA6V1L
ESDA14V2L
ESDA25L
ESDA37L
25
18
14
7
6.3
A
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage junction temperature range
-65 to 150
°C
TL
Maximum lead temperature for soldering during 10 s at 5 mm from
case
260
°C
Notes:
(1)For a surge greater than the maximum values, the diode will fail in short-circuit.
Figure 2: Electrical characteristics (definitions)
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current
I
=
Forward current
I
=
Peak pulse current
I
=
Breakdown current
V
=
Forward voltage drop
C
R
BR
RM
PP
R
F
V
=
Clamping voltage
=
Capacitance
=
Dynamic impedance
T
=
Voltage temperature
CL
F
d
α
Vcl
VBR
VRM
Slope = 1/Rd
VF
IF
IRM
IPP
I
V
V
=
Stand-off voltage
RM



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com