Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1L Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDA6V1L
Description  Dual Transil??array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1L Datasheet(HTML) 3 Page - STMicroelectronics

  ESDA6V1L Datasheet HTML 1Page - STMicroelectronics ESDA6V1L Datasheet HTML 2Page - STMicroelectronics ESDA6V1L Datasheet HTML 3Page - STMicroelectronics ESDA6V1L Datasheet HTML 4Page - STMicroelectronics ESDA6V1L Datasheet HTML 5Page - STMicroelectronics ESDA6V1L Datasheet HTML 6Page - STMicroelectronics ESDA6V1L Datasheet HTML 7Page - STMicroelectronics ESDA6V1L Datasheet HTML 8Page - STMicroelectronics ESDA6V1L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ESDAL
Characteristics
DocID7058 Rev 5
3/11
Table 2: Electrical characteristics (Tamb = 25 °C)
Order code
VBR at IR
IRM at VRM
Rd(1)
αT(2)
Cline
VF at IF
Min.
Max.
Max.
Typ.
Max.
Typ. at 0 V bias
Max.
V
V
mA
µA
V
mΩ
10-4/°C
pF
V
mA
ESDA5V3L
5.3
5.9
1
2
3
280
5
220
1.25
200
ESDA6V1L
6.1
7.2
1
20
5.25
350
6
140
1.25
200
ESDA14V2L
14.2
15.8
1
5
12
650
10
90
1.25
200
ESDA25L
25
30
1
1
24
1000
10
50
1.2
10
ESDA37L
37
43.3
1
1
36
2400
10
48
0.9
10
Notes:
(1)Square pulse Ipp = 15 A, tp = 2.5 µs
(2)∆ VBR = αT x (Tamb -25 °C) x VBR (25 °C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com