Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDA6V1L Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA6V1L
Description  Dual Transil??array for ESD protection
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1L Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA6V1L Datasheet HTML 1Page - STMicroelectronics ESDA6V1L Datasheet HTML 2Page - STMicroelectronics ESDA6V1L Datasheet HTML 3Page - STMicroelectronics ESDA6V1L Datasheet HTML 4Page - STMicroelectronics ESDA6V1L Datasheet HTML 5Page - STMicroelectronics ESDA6V1L Datasheet HTML 6Page - STMicroelectronics ESDA6V1L Datasheet HTML 7Page - STMicroelectronics ESDA6V1L Datasheet HTML 8Page - STMicroelectronics ESDA6V1L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
ESDAL
4/11
DocID7058 Rev 5
1.1
Characteristics (curves)
Figure 3: Variation of peak pulse power versus
initial junction temperature
Figure 4: Peak pulse power versus exponential
pulse duration
Figure 5: Variation of clamping voltage versus
peak pulse current (max. values, 8/20 µs waveform)
Figure 6: Relative variation of leakage current
at VR = VRM versus junction values
0
50
100
150
200
250
300
350
25
50
75
100
125
150
175
ESDA5V3L ESDA6V1L ESDA14V2L ESDA25L
ESDA37L
PPP(W)
Tj(°C)
10
100
1000
10
100
1000
PPP(W)
tp(µs)
Tj initial = 25 °C
maximum value
0.1
1
10
100
0
1020
30405060
ESDA5V3L
ESDA6V1L
ESDA14V2L
ESDA25L
ESDA37L
IPP(A)
VCL(V)
Tj initial = 25 °C
8/20µs
0.01
0.1
1
10
100
1000
10000
25
50
75
100
125
150
ESDA5V3L
ESDA6V1L
ESDA14V2L
ESDA25L
ESDA37L
Ir(nA)
Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com