Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 25Page - Analog Devices ADAS1000BSTZ Datasheet HTML 26Page - Analog Devices ADAS1000BSTZ Datasheet HTML 27Page - Analog Devices ADAS1000BSTZ Datasheet HTML 28Page - Analog Devices ADAS1000BSTZ Datasheet HTML 29Page - Analog Devices ADAS1000BSTZ Datasheet HTML 30Page - Analog Devices ADAS1000BSTZ Datasheet HTML 31Page - Analog Devices ADAS1000BSTZ Datasheet HTML 32Page - Analog Devices ADAS1000BSTZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
ECG CHANNEL
The ECG channel consists of a programmable gain, low noise,
differential preamplifier; a fixed gain anti-aliasing filter; buffers;
and an ADC (see Figure 56). Each electrode input is routed to
its PGA noninverting input. Internal switches allow the inverting
inputs of the PGA to be connected to other electrodes and/or
the Wilson central terminal (WCT) to provide differential
analog processing (analog lead mode), to a computed average of
some or all electrodes, or the internal 1.3 V common-mode
reference (VCM_REF). The latter two modes support digital
lead mode (leads computed on-chip) and electrode mode (leads
calculated off-chip). In all cases, the internal reference level is
removed from the final lead data.
The ADAS1000/ADAS1000-1/ADAS1000-2 implementation
uses a dc-coupled approach, which requires that the front end
be biased to operate within the limited dynamic range imposed
by the relatively low supply voltage. The right leg drive loop
performs this function by forcing the electrical average of all
selected electrodes to the internal 1.3 V level, VCM_REF,
maximizing each channel’s available signal range.
All ECG channel amplifiers use chopping to minimize 1/f noise
contributions in the ECG band. The chopping frequency of
~250 kHz is well above the bandwidth of any signals of interest.
The 2-pole anti-aliasing filter has ~65 kHz bandwidth to support
digital pace detection while still providing greater than 80 dB of
attenuation at the ADC’s sample rate. The ADC itself is a 14-bit,
2 MHz SAR converter; 1024 × oversampling helps achieve the
required system performance. The full-scale input range of the
ADC is 2 × VREF, or 3.6 V, although the analog portion of the
ECG channel limits the useful signal swing to about 2.8 V. The
ADAS1000 contains flags to indicate whether the ADC data is
out of range, indicating a hard electrode off state. Programmable
overrange and underrange thresholds are shown in the LOFFUTH
and LOFFLTH registers (see Table 39 and Table 40, respectively).
The ADC out of range flag is contained in the header word (see
Table 54).
Figure 56. Simplified Schematic of a Single ECG Channel
ADC
fS
14
TO COMMON-MODE AMPLIFIER
FOR DRIVEN LEG AND
SHIELD DRIVER
SHIELD DRIVER
AVDD
VREF
ELECTRODE
PREAMP
G = 1, 1.5, 2, 3
FILTER
DIFF AMP
BUFFER
G = 1.4
PATIENT
CABLE
ADAS1000
EXTERNAL
RFI AND DEFIB
PROTECTION
VCM
+
–
ELECTRODE
ELECTRODE
EXTERNAL
RFI AND DEFIB
PROTECTION
Rev. B | Page 29 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com