Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 80 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 80 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 72Page - Analog Devices ADAS1000BSTZ Datasheet HTML 73Page - Analog Devices ADAS1000BSTZ Datasheet HTML 74Page - Analog Devices ADAS1000BSTZ Datasheet HTML 75Page - Analog Devices ADAS1000BSTZ Datasheet HTML 76Page - Analog Devices ADAS1000BSTZ Datasheet HTML 77Page - Analog Devices ADAS1000BSTZ Datasheet HTML 78Page - Analog Devices ADAS1000BSTZ Datasheet HTML 79Page - Analog Devices ADAS1000BSTZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 80 page
background image
ADAS1000/ADAS1000-1/ADAS1000-2
Data Sheet
ORDERING GUIDE
Model1
Description
Temperature
Range
Package Description
Package
Option
ADAS1000BSTZ
5 ECG Channels, Pace Algorithm, Respiration Circuit
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADAS1000BSTZ-RL
5 ECG Channels, Pace Algorithm, Respiration Circuit
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADAS1000BCPZ
5 ECG Channels, Pace Algorithm, Respiration Circuit
−40°C to +85°C
56-Lead LFCSP_VQ
CP-56-7
ADAS1000BCPZ-RL
5 ECG Channels, Pace Algorithm, Respiration Circuit
−40°C to +85°C
56-Lead LFCSP_VQ
CP-56-7
ADAS1000-1BCPZ
5 ECG Channels
−40°C to +85°C
56-Lead LFCSP_VQ
CP-56-7
ADAS1000-1BCPZ-RL
5 ECG Channels
−40°C to +85°C
56-Lead LFCSP_VQ
CP-56-7
ADAS1000-2BSTZ
Companion for Gang Mode
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADAS1000-2BSTZ-RL
Companion for Gang Mode
−40°C to +85°C
64-Lead LQFP
ST-64-2
ADAS1000-2BCPZ
Companion for Gang Mode
−40°C to +85°C
56-Lead LFCSP_VQ
CP-56-7
ADAS1000-2BCPZ-RL
Companion for Gang Mode
−40°C to +85°C
56-Lead LFCSP_VQ
CP-56-7
EVAL-ADAS1000SDZ
ADAS1000 Evaluation Board
Evaluation Kit2
EVAL-SDP-CB1Z
System Demonstration Board (SDP), used as a controller
board for data transfer via USB interface to PC
Controller Board3
1
Z = RoHS Compliant Part.
2
This evaluation kit consists of ADAS1000BSTZ × 2 for up to 12-lead configuration. Because the ADAS1000 contains all features, it is the evaluation vehicle for all
ADAS1000 variants.
3
This board allows a PC to control and communicate with all Analog Devices evaluation boards ending in the SD designator.
©2012–2014 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D09660-0-6/14(B)
Rev. B | Page 80 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com