Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000BSTZ Datasheet(PDF) 45 Page - Analog Devices

Part # ADAS1000BSTZ
Description  Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000BSTZ Datasheet(HTML) 45 Page - Analog Devices

Back Button ADAS1000BSTZ Datasheet HTML 41Page - Analog Devices ADAS1000BSTZ Datasheet HTML 42Page - Analog Devices ADAS1000BSTZ Datasheet HTML 43Page - Analog Devices ADAS1000BSTZ Datasheet HTML 44Page - Analog Devices ADAS1000BSTZ Datasheet HTML 45Page - Analog Devices ADAS1000BSTZ Datasheet HTML 46Page - Analog Devices ADAS1000BSTZ Datasheet HTML 47Page - Analog Devices ADAS1000BSTZ Datasheet HTML 48Page - Analog Devices ADAS1000BSTZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 80 page
background image
Data Sheet
ADAS1000/ADAS1000-1/ADAS1000-2
BIVENTRICULAR PACERS
As described previously, the pace algorithm expects the pace pulse
to be less than 2 ms wide. In a pacer where both ventricles are
paced, they can be paced simultaneously. Where they fall within
the width and height limits programmed into the algorithm, a
valid pace is flagged, but only one pace pulse may be visible.
With the pace width filter enabled, the pace algorithm seeks
pace pulse widths within a 100 μs to 2 ms window. Assuming
that this filter is enabled and in a scenario where two ventricle
pacer pulses fire at slightly different times, resulting in the pulse
showing in the lead as one large, wider pulse, a valid pace is
flagged so long as the total width does not exceed 2 ms.
PACE DETECTION MEASUREMENTS
Design verification of the ADAS1000 digital pace algorithm
includes detection of a range of simulated pace signals in
addition to using the ADAS1000 and evaluation board with
one pacemaker device connected to various simulated loads
(approximately 200 Ω to over 2 kΩ) and covering the following
4 waveform corners.
•
Minimum pulse width (100 μs), minimum height (to
<300 μV)
•
Minimum pulse width (100 μs), maximum height (up to
1.0 V)
•
Maximum pulse width (2 ms), minimum height (to <300 μV)
•
Maximum pulse width (2 ms), maximum height (up to 1.0 V)
These scenarios passed with acceptable results. The use of the
ac lead-off function had no obvious impact on the recorded
pace height, width, or the ability of the pace detection algorithm
to identify a pace pulse. The pace algorithm was also evaluated
with the respiration carrier enabled; again, no differences in the
threshold or pacer detect were noted from the carrier.
While these experiments validate the pace algorithm over a
confined set of circumstances and conditions, they do not
replace end system verification of the pacer algorithm. This
can be performed in only the end system, using the system
manufacturer’s specified cables and validation data set.
EVALUATING PACE DETECTION PERFORMANCE
ECG simulators offer a convenient means of studying the perfor-
mance and ability of the ADAS1000 to capture pace signals over
the range of widths and heights defined by the various regulatory
standards. While the pace detection algorithm of the ADAS1000
is designed to conform to medical instrument standards (pace
widths of 100 μs to 2.00 ms and with amplitudes of <400 μV to
>1000 mV), some simulators put out signals wider or narrower
than called for in the standards. The pace detection algorithm
has been designed to measure a maximum pace widths of 2 ms
with a margin of 0.25 ms to allow for simulator variations.
PACE WIDTH
The ADAS1000 is capable of measuring pace widths of 100 μs
to 2.00 ms. The measured pace width is available through the
PACExDATA registers. These registers have limited resolution.
The minimum pace width is 101.56 μs and the maximum is
2.00 ms. The pace detection algorithm always returns a width
greater than what is measured at the 50% point, ensuring that
the algorithm is capable of measuring a narrow 100 μs pulse. A
valid pulse width of 100 μs is reported as 101.56 μs. Any valid
pace pulses ≥ 2.00 ms and ≤ 2.25 ms are reported as 2.00 ms.
PACE LATENCY
The pace algorithm always examines 128 kHz, 16-bit ECG data,
regardless of the selected frame rate and ECG filter setting. A
pace pulse is qualified when a valid trailing edge is detected and
is flagged in the next available frame header. Pace and ECG data
is always correctly time-aligned at the 128 kHz frame rate, but
the additional filtering inherent in the slower frame rates delays
the ECG data of the frame relative to the pace pulse flag. These
delays are summarized in Table 16 and must be taken into account
to enable correct positioning of the pace event relative to the
ECG data.
There is an inherent one-frame-period uncertainty in the exact
location of the pace trailing edge.
PACE DETECTION VIA SECONDARY SERIAL
INTERFACE (ADAS1000 AND ADAS1000-1 ONLY)
The ADAS1000/ADAS1000-1 provide a second serial interface
for users who want to implement their own pace detection
schemes. This interface is configured as a master interface. It
provides ECG data at the 128 kHz data rate only. The purpose
of this interface is to allow the user to access the ECG data at a
rate sufficient to allow them to run their own pace algorithm,
while maintaining all the filtering and decimation of the ECG
data that the ADAS1000/ADAS1000-1 offer on the standard
serial interface (2 kHz and 16 kHz data rates). This dedicated
pace interface uses three of the four GPIO pins, leaving one
GPIO pin available even when the secondary serial interface
is enabled. Note that the on-chip digital calibration to ensure
channel gain matching does not apply to data that is available
on this interface. This interface is discussed in more detail in
the Secondary Serial Interface section.
Rev. B | Page 45 of 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com