Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1127 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAS1127
Description  64-Channel, 24-Bit Current-to-Digital ADC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1127 Datasheet(HTML) 1 Page - Analog Devices

  ADAS1127 Datasheet HTML 1Page - Analog Devices ADAS1127 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
64-Channel, 24-Bit Current-to-Digital ADC
ADAS1127
Rev. SpA
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
64-channel, low level current-to-digital converter
Up to 24-bit resolution
Up to 19.7 kSPS (50.7 µs integration time)
Simultaneous sampling
Ultralow noise (down to 0.4 fC [2500e−])
User-adjustable full-scale range
INL: ±0.025% of reading ±0.75 ppm of FSR
Very low power dissipation: 6.25 mW/channel
LVDS self-clocked serial data interface
SPI configuration registers (daisy-chain)
On-board temperature sensor and reference buffer
10 mm × 10 mm, mini-BGA package
Low cost external components
Support tools
Evaluation board
Reference design with reference layout
FPGA Verilog code
APPLICATIONS
Medical, industrial, and security CT scanner data acquisition
Photodiode sensors
Dosimetry and radiation therapy systems
Optical fiber power monitoring
X-ray detection systems
High channel-count data acquisition systems (current or
voltage inputs)
GENERAL DESCRIPTION
The ADAS1127 is a 64-channel, current-to-digital, analog-to-
digital converter (ADC). It contains 64 low power, low noise,
low input current integrators, simultaneous sample-and-holds,
and a high speed, high resolution ADCs with configurable
sampling rate and resolutions up to 24 bits.
All converted channel results are output on a single LVDS self-
clocked serial interface, which reduces external hardware.
An SPI-compatible serial interface allows configuration of the
ADC using the SDI input. The SDO output allows the user to
daisy-chain several ADCs on a single, 3-wire bus. The
ADAS1127 uses the separate supply IOVDD to reduce the
digital noise effect on the conversions.
The ADAS1127 is in a 10 mm × 10 mm, mini-BGA package.
FUNCTIONAL BLOCK DIAGRAM
F
S/H
OR0
F
S/H
OR31
AN0
AN31
F
S/H
OR32
F
S/H
OR63
AN32
AN63
KGND
ADCL
+
–
DATA
PROCESSING
LVDS/CMOS
INTERFACE
TEMPERATURE
OR[0:63]
ADAS1127
2.5V
3.3V
TO NEXT
SDI
SDI
SDO
BUFP
BUFN
REF
2.048V
SDI
FROM
PREVIOUS
SDO
SDI
CONFIGURATION
SCK
CS
DOUTx
CLKx
SYNC
IOVDD
RESET
IOGND
TO ALL ADCs
2.5V
FROM DOUT
OF OTHER ADCs
FPGA
VIO
Figure 1.


Similar Part No. - ADAS1127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1127 AD-ADAS1127 Datasheet
55Kb / 2P
64-Channel,24-Bit Current-to-Digital ADC
Rev. Sp0
More results

Similar Description - ADAS1127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1127 AD-ADAS1127 Datasheet
55Kb / 2P
64-Channel,24-Bit Current-to-Digital ADC
Rev. Sp0
logo
Texas Instruments
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
64-Channel, Current-Input Analog-to-Digital Converter
logo
Analog Devices
ADAS1128 AD-ADAS1128 Datasheet
75Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
logo
Texas Instruments
ADS1257 TI1-ADS1257 Datasheet
793Kb / 16P
4-Channel, 24-Bit ADC
logo
Analog Devices
ADAS1126 AD-ADAS1126 Datasheet
68Kb / 2P
32-Channel, 24-Bit Current-to-Digital ADC
Rev. SpC
ADAS1131 AD-ADAS1131 Datasheet
63Kb / 2P
256-Channel, 24-Bit Current-to-Digital ADC Module
Rev. Sp0
ADAS1135 AD-ADAS1135 Datasheet
56Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
Rev. Sp0
ADAS1128 AD-ADAS1128_17 Datasheet
76Kb / 2P
128-Channel, 24-Bit Current-to-Digital ADC
ADAS1134 AD-ADAS1134 Datasheet
129Kb / 3P
128-Channel, 24-Bit Current-to-Digital ADC
27-Oct-2017
ADAS1135 AD-ADAS1135_17 Datasheet
64Kb / 2P
256-Channel, 24-Bit, Current-to-Digital ADC Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com