Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2031 Datasheet(PDF) 7 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTION Development System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMCS2031 Datasheet HTML 3Page - International Rectifier IRMCS2031 Datasheet HTML 4Page - International Rectifier IRMCS2031 Datasheet HTML 5Page - International Rectifier IRMCS2031 Datasheet HTML 6Page - International Rectifier IRMCS2031 Datasheet HTML 7Page - International Rectifier IRMCS2031 Datasheet HTML 8Page - International Rectifier IRMCS2031 Datasheet HTML 9Page - International Rectifier IRMCS2031 Datasheet HTML 10Page - International Rectifier IRMCS2031 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
IRMCS2031
Step 5. (Optional)
J7 Connector, External I/O
Connect External I/O Connector (J7) as needed. All inputs are 5V tolerant.
Pin definition
Pin 1 : Analog input (+/-10V)
GND
5V
GND
1
2
15
16
J7 Top View
CALIB
START
FAULT Clear
STOP
User supplied
power supply
GND -10V +10V
10k ohm
potentiometer
Pin 2: N/A (open)
Pin 3: N/A (open)
Pin 4: N/A
Pin 5: N/A
Pin 6: GND
Pin 7: FAULT status output (3.3V when FAULT)
Pin 8: SYNC status output (3usec width of active
low pulse at every carrier frequency period)
Pin 9: PWMEN status output (3.3V when PWM
active)
Pin 10: +5V
Pin 11: START input (high to activate)
Pin 12: STOP input (high to activate)
Pin 13: CALIB input (high to activate)
Pin 14: FAULT CLR input (high to activate)
Pin 15: N/A (open)
Pin 16: GND
Figure 4. J7 Connector connection
Step 6. (Optional)
J8 Connector, Analog Output monitoring
18
J8 Top View
Figure 5. J8 Connector connection
Pin Definition
Pin 1: Channel 1 Analog output (0-5V)
Pin 2: GND
Pin 3: Channel 2 Analog output (0-5V)
Pin 4: GND
Pin 5: Channel 3 Analog output (0-5V)
Pin 6: GND
Pin 7: Channel 4 Analog output (0-5V)
Pin 8: GND
Step 7.
Connect the RS232C cable between 9-pin D-sub connector and PC.
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com