Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2031 Datasheet(PDF) 8 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTION Development System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRMCS2031 Datasheet HTML 4Page - International Rectifier IRMCS2031 Datasheet HTML 5Page - International Rectifier IRMCS2031 Datasheet HTML 6Page - International Rectifier IRMCS2031 Datasheet HTML 7Page - International Rectifier IRMCS2031 Datasheet HTML 8Page - International Rectifier IRMCS2031 Datasheet HTML 9Page - International Rectifier IRMCS2031 Datasheet HTML 10Page - International Rectifier IRMCS2031 Datasheet HTML 11Page - International Rectifier IRMCS2031 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
IRMCS2031
Installing the Software
The ServoDesigner
TM tool is distributed on the CD-ROM. Load the CD into the CD-ROM drive on your PC and
double-click “IRMCS2031.exe”. It requires the password which also can be found in the same CD-ROM. The
automated procedure installs all necessary software on your PC.
The default location for the installation is
“C:\Program Files\Accelerator”.
Power-On the System
Apply AC115V – AC230Vpower to the system.
Immediately after power-on, the power supply RED LED (located at the bottom left corner of the board) will light
indicating the on-board DC bus has been established. The second LED (surface mount LED located at the top side of
the board) should also start blinking on/off RED.
Getting Started
For quick start with preconfigured parameters, the following motor is supported with a preconfigured motor file.
•
Sanyo Denki motor (400W: type P30B06040DXS00M)
If any other motor is used, reconfiguration is required. Configurable parameters are required to tailor design to various
applications (motor and load). These configurable parameters can be modified via the host register interface (using the
ServoDesigner tool) through the communication interface. In the IRMCS2031 product, a design spreadsheet (Drive
parameters translator) is provided to aid the user for ease of drive start-up.
Using the spreadsheet, the user enters
high-level parameters such as motor nameplate information, maximum application speed, current limit, speed and
current regulator bandwidth.
This high-level user information is translated to engineering parameters (directly used
by the drive). Figure
gives an overview of the commissioning steps. Please refer to the IRMCK203 Application
Developer’s Guide for detailed drive commissioning description.
Drive Parameters Translator
Translate input parameters to drive parameters
Enter high level design parameters
(Motor nameplate, Current limits,
Max speed, overload etc..)
Engineering
parameters
IRMCS2031
ServoDesigner
Input and download drive parameters
Refine drive parameters
User
parameters
Figure 6.
Overview of Drive Commissioning
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com