Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRMCS2031 Datasheet(PDF) 14 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTION Development System
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 14 Page - International Rectifier

Back Button IRMCS2031 Datasheet HTML 10Page - International Rectifier IRMCS2031 Datasheet HTML 11Page - International Rectifier IRMCS2031 Datasheet HTML 12Page - International Rectifier IRMCS2031 Datasheet HTML 13Page - International Rectifier IRMCS2031 Datasheet HTML 14Page - International Rectifier IRMCS2031 Datasheet HTML 15Page - International Rectifier IRMCS2031 Datasheet HTML 16Page - International Rectifier IRMCS2031 Datasheet HTML 17Page - International Rectifier IRMCS2031 Datasheet HTML 18Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
IRMCS2031
SPI interface connector
IRMCS2031 has one SPI interface connector (J4) on the board. The connector is a 6pin header and its pin
assignement are shown below. The signal level is 3.3V with 5V tolerant input. Maximum transimission speed is
6MHz.
J4
HDR6
1
2
3
4
5
6
MISO
MOSI
SCLK
SYNC
CS
Figure 6 SPI interface connector
SPI Register Access
When configured as an SPI device read only and read/write operations are performed using the following transfer
format:
Command Byte
Data Byte 0
…………….
Data Byte N
Data Transfer Format
Bit Position
7
6
5
4
3
2
1
0
Read
Only
Register Map Starting Address
Command Byte Format
Data transfers begin at the address specified in the command byte and proceed sequentially until the SPI transfer
completes. Note that accesses are read/write unless the “read only” bit is set.
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com