Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1335 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1335
Description  Single Pole OptoMOS? Relay with Bi-directional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1335 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1335 Datasheet HTML 1Page - IXYS Corporation CPC1335 Datasheet HTML 2Page - IXYS Corporation CPC1335 Datasheet HTML 3Page - IXYS Corporation CPC1335 Datasheet HTML 4Page - IXYS Corporation CPC1335 Datasheet HTML 5Page - IXYS Corporation CPC1335 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1335-R07
1
e3
Pb
CPC1335
Single Pole OptoMOS® Relay with
Bi-directional Transient Protection
Part #
Description
CPC1335P
8-Pin Flatpack (50/Tube)
CPC1335PTR
8-Pin Flatpack (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
350
V
P
Load Current
100
mA
rms / mADC
On-Resistance (max)
35
LED Current to Operate
1
mA
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
UL Certified Component: File E76270
CSA Certified Component: Certificate 1172007
EN/IEC 60950-1 Certified Component:
TUV Certificate B 10 05 49410 006
Meets Requirements of EN50130-4
(Installation Class 3)
3750V
rms Input/Output Isolation
100% Solid State
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Switching Characteristics
of Normally Open Devices
Peak Pulse Power
V
WM
600W
40.2V
Transient Protection Characteristics
Security
Sensor Circuitry
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Aerospace
Industrial Controls
The CPC1335 is a single-pole, normally open
(1-Form-A) solid state relay with bi-directional
transient voltage suppressor (TVS) relay protection,
which is designed to meet the requirements of
EN50130-4 (installation class 3).
The relay output is constructed with efficient
MOSFET switches that use IXYS Integrated Circuits
Division's patented OptoMOS architecture. The input,
a highly efficient GaAlAS infrared LED, controls the
optically coupled output.
The CPC1335 is available in an 8-pin, space-saving
surface-mount package.
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
1
2
3
4
8
7
6
5
+ Control
– Control
TVS +/-
TVS -/+
Load
Load


Similar Part No. - CPC1335

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1335 CLARE-CPC1335 Datasheet
117Kb / 5P
Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
logo
Littelfuse
CPC1335 LITTELFUSE-CPC1335 Datasheet
207Kb / 6P
350V, 100mA, Single-Pole, Normally Open Relay
11/18/2025
logo
Clare, Inc.
CPC1335P CLARE-CPC1335P Datasheet
117Kb / 5P
Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
logo
Littelfuse
CPC1335P LITTELFUSE-CPC1335P Datasheet
207Kb / 6P
350V, 100mA, Single-Pole, Normally Open Relay
11/18/2025
logo
Clare, Inc.
CPC1335PTR CLARE-CPC1335PTR Datasheet
117Kb / 5P
Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
More results

Similar Description - CPC1335

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
CPC1335 CLARE-CPC1335 Datasheet
117Kb / 5P
Single Pole OptoMOS짰 Relay with Bi-directional Transient Protection
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
CPC1317 IXYS-CPC1317 Datasheet
121Kb / 6P
Single-Pole OptoMOS? Relay With Bidirectional Transient Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com