Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1335 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1335
Description  Single Pole OptoMOS? Relay with Bi-directional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1335 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1335 Datasheet HTML 1Page - IXYS Corporation CPC1335 Datasheet HTML 2Page - IXYS Corporation CPC1335 Datasheet HTML 3Page - IXYS Corporation CPC1335 Datasheet HTML 4Page - IXYS Corporation CPC1335 Datasheet HTML 5Page - IXYS Corporation CPC1335 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R07
CPC1335
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
Temperature (ºC)
Typical On-Resistance
vs. Temperature
(I
F=3mA, IL=50mA)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-2
-1
0
1
2
3
Typical Load Current
vs. Load Voltage
(I
F=5mA, TA=25ºC)
180
160
140
120
100
80
60
40
20
0
Temperature (ºC)
-40
-20
0
20
40
60
80
120
100
I
F = 5mA
I
F = 2mA
Maximum Load Current
vs. Temperature
-40
430
425
420
415
410
405
400
395
-20
0
20
40
60
80
100
Temperature (ºC)
Typical Blocking Voltage
vs. Temperature
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
Typical Leakage vs. Temperature
Measured Across Pins 5 & 6
(V
L=350V)
Temperature (ºC)
Time
10 s
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100 s
100ms
1s
10ms
10s
100s
Energy Rating Curve
Temperature (ºC)
-40
-20
0
20
40
60
80
100
45
46
47
48
49
50
51
52
TVS Diode Breakdown Voltage
vs. Temperature
(Pins 7 & 8)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
TVS Diode Leakage vs. Temperature
(Pins 7 & 8)
(V
L=40V)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
TVS Derating Curve
Time ( s)
1
0
10
20
30
40
50
60
70
80
90
100
110
TVS Pulse Waveform 10/1000 ( s)
10
100
1000
104
105
106



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com