Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1335 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1335
Description  Single Pole OptoMOS? Relay with Bi-directional Transient Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1335 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1335 Datasheet HTML 1Page - IXYS Corporation CPC1335 Datasheet HTML 2Page - IXYS Corporation CPC1335 Datasheet HTML 3Page - IXYS Corporation CPC1335 Datasheet HTML 4Page - IXYS Corporation CPC1335 Datasheet HTML 5Page - IXYS Corporation CPC1335 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1335
www.ixysic.com
3
R07
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
35
30
25
20
15
10
5
0
377
399
421
443
388
410
432
Blocking Voltage (V
P)
Typical Blocking Voltage Distribution
(N=50, T
A=25ºC)
Temperature (ºC)
Typical LED Forward Voltage Drop
vs. Temperature
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
I
F=50mA
I
F=10mA
I
F=5mA
LED Forward Current (mA)
0
1020
304050
0
500
1000
1500
2000
2500
3000
3500
Turn-On Time
vs. LED Forward Current
(T
A=25ºC)
LED Forward Current (mA)
0
1020
304050
462
464
466
468
470
472
474
476
Typical Turn-Off
vs. LED Forward Current
(T
A=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.08
0.12
0.16
0.20
0.24
0.28
Typical LED Current to Operate
vs. Temperature
(I
L=70mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Typical Turn-On Time
vs. Temperature
(V
L=10V)
I
F=1mA
I
F=2mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Typical Turn-Off Time
vs. Temperature
(V
L=10V)
I
F=1mA
I
F=5mA
I
F=2mA
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
Typical LED Forward Voltage Drop
(N=50, I
F=5mA, TA=25ºC)
0.50
0.70
0.90
1.10
0.60
0.80
1.00
Turn-On (ms)
25
20
15
10
5
0
Typical Turn-On Time
(N=50, I
F=5mA, IL=100mA, TA=25ºC)
0.26
0.30
0.34
0.38
0.36
0.32
0.28
Turn-Off (ms)
25
20
15
10
5
0
Typical Turn-Off Time
(N=50, I
F=5mA, IL=100mA, TA=25ºC)
0.35
0.45
0.55
0.30
0.40
0.50
0.60
LED Current (mA)
25
20
15
10
5
0
Typical I
F for Switch Operation
(N=50, I
L=100mA, TA=25ºC)
35
30
25
20
15
10
5
0
26
28
30
32
27
29
31
Typical On-Resistance Distribution
(N=50, I
L=120mA, TA=25ºC)
On-Resistance ( )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com