Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1540 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1540
Description  Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1540 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1540 Datasheet HTML 1Page - IXYS Corporation CPC1540 Datasheet HTML 2Page - IXYS Corporation CPC1540 Datasheet HTML 3Page - IXYS Corporation CPC1540 Datasheet HTML 4Page - IXYS Corporation CPC1540 Datasheet HTML 5Page - IXYS Corporation CPC1540 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1540-R03
1
CPC1540
e3
Pb
Single-Pole, Normally Open OptoMOS® Relay
with Integrated Current Limit and Thermal Shutdown
Part #
Description
CPC1540G
6-Pin DIP (50/Tube)
CPC1540GS
6-Pin Surface Mount (50/Tube)
CPC1540GSTR
6-Pin Surface Mount, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
350
V
P
Load Current
120
mA
rms / mADC
On-Resistance (max)
25
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Pin Configuration
• Integrated Active Current-Limit Protection
• Thermal Shutdown
• Guaranteed Turn-On: 2mA Input Control Current
• 350V
P Blocking Voltage
• 3750V
rms Input/Output Isolation
• Small Surface Mount Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Switching Characteristics of
Normally Open Devices
Approvals
• UL Certified Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 10 05 49410 006
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
The CPC1540 is a normally open (1-Form-A) Solid
State Relay with an integrated current limit feature
that can replace electromechanical relays while
enhancing the robustness of wireline-interface
applications.
Designed specifically to target the hook switch
telephony market, the CPC1540 has a load voltage
rating of 350V.
The relay is constructed using a GaAIAs LED for
actuation control and an integrated monolithic die for
the switch output. The die, fabricated in a
high-voltage dielectrically isolated technology,
comprises a photodiode array, switch control with
active current limiting circuitry, and MOSFET
switches. Active current-limit circuitry in the
CPC1540 provides a thermal shutdown feature,
offering excellent power-cross immunity for improved
survivability in harsh environments.
These enhancements greatly improve the robustness
of end systems using this device compared to
systems using relays without the integrated current
limit. In addition, the active current limit circuitry
enables the CPC1540 to pass FCC 68.302 and
other regulatory voltage surge requirements when
adequate overvoltage protection is provided. The
CPC1540 relay may be used in both AC and DC
applications.
• Telphony hook switch
• VoIP gateways, such as VoIP
• IP-PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals,
automated banking, remote metering, vending
machines, security, and surveillance
• Instrumentation
• Medical equipment—Patient/equipment isolation
• Aerospace
• Industrial controls
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration


Similar Part No. - CPC1540

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1540 LITTELFUSE-CPC1540 Datasheet
183Kb / 6P
Single-Pole, Normally Open OptoMOS® Relay
11/18/2025
CPC1540G LITTELFUSE-CPC1540G Datasheet
183Kb / 6P
Single-Pole, Normally Open OptoMOS® Relay
11/18/2025
CPC1540GS LITTELFUSE-CPC1540GS Datasheet
183Kb / 6P
Single-Pole, Normally Open OptoMOS® Relay
11/18/2025
CPC1540GSTR LITTELFUSE-CPC1540GSTR Datasheet
183Kb / 6P
Single-Pole, Normally Open OptoMOS® Relay
11/18/2025
More results

Similar Description - CPC1540

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
LCA110L IXYS-LCA110L Datasheet
122Kb / 7P
Single Pole, Normally Open OptoMOS Relay
LCA125L IXYS-LCA125L Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA126 IXYS-LCA126 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
LCA127 IXYS-LCA127 Datasheet
123Kb / 7P
Single-Pole, Normally Open OptoMOS Relay
CPC1593 IXYS-CPC1593 Datasheet
134Kb / 8P
Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1510 IXYS-CPC1510 Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
CPC1511 IXYS-CPC1511 Datasheet
147Kb / 7P
Single-Pole, Normally Open Relay with Thermal Shutdown & Current Limiting
CPC1563 IXYS-CPC1563 Datasheet
135Kb / 8P
Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
PLA140L IXYS-PLA140L Datasheet
123Kb / 7P
Single-Pole, Normally Open, Current-Limiting OptoMOS Relay
PLA192 IXYS-PLA192 Datasheet
130Kb / 7P
Single Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com