Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1540 Datasheet(PDF) 2 Page - IXYS Corporation

Part # CPC1540
Description  Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1540 Datasheet(HTML) 2 Page - IXYS Corporation

  CPC1540 Datasheet HTML 1Page - IXYS Corporation CPC1540 Datasheet HTML 2Page - IXYS Corporation CPC1540 Datasheet HTML 3Page - IXYS Corporation CPC1540 Datasheet HTML 4Page - IXYS Corporation CPC1540 Datasheet HTML 5Page - IXYS Corporation CPC1540 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
2
R03
CPC1540
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings @ 25ºC
Parameter
Ratings
Units
Blocking Voltage
350
V
P
Reverse Input Voltage
5
V
Input Control Current
50
mA
Peak (10ms)
1
A
Input Power Dissipation 1
150
mW
Total Power Dissipation 2
800
mW
Isolation Voltage, Input to Output (60 Seconds)
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
1 Derate linearly 3.33 mW / ºC
2 Derate linearly 6.67 mW / ºC
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics
Current Limit
AC/DC Configuration
I
F=5mA, VL=13V, t=5ms
I
LMT
190
225
285
mA
DC Configuration
I
F=5mA, VL=6.5V, t=5ms
360
430
570
On-Resistance
AC/DC Configuration
I
F=5mA, IL=120mA
R
ON
12
18.2
25
DC Configuration
I
F=5mA, IL=220mA
3
4.2
6.75
Off-State Leakage Current
V
L=350V
I
LEAK
--
1
A
Switching Speeds
Turn-On
I
F=5mA, IL=100mA
t
on
-
0.72
2ms
Turn-Off
t
off
0.3
Output Capacitance
I
F=0mA, VL=20V
C
O
-14
-
pF
Input Characteristics
Input Control Current to Activate
I
L=100mA
I
F
-
0.8
2
mA
Input Control Current to Deactivate
I
L<1AIF
0.2
0.6
-
mA
LED Forward Voltage
I
F=5mA
V
F
0.9
1.24
1.4
V
Reverse Input Current
V
IN = -5V
I
R
--10
A
Common Characteristics
Input to Output Capacitance
-
C
I/O
-
0.5
-
pF
Electrical Characteristics @ 25ºC
Parameter
Symbol
Configuration
Min
Nominal
Max
Units
Load Current, Continuous
I
L
AC/DC
-
-
120
mA
rms / mADC
DC-Only
-
-
250
mA
DC
Input Control Current
I
F
-3
5
10
mA
Operating Temperature
-
-
-40
-
+85
ºC
Recommended Operating Conditions



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com