Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1540 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1540
Description  Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1540 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1540 Datasheet HTML 1Page - IXYS Corporation CPC1540 Datasheet HTML 2Page - IXYS Corporation CPC1540 Datasheet HTML 3Page - IXYS Corporation CPC1540 Datasheet HTML 4Page - IXYS Corporation CPC1540 Datasheet HTML 5Page - IXYS Corporation CPC1540 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1540
www.ixysic.com
3
R03
PERFORMANCE DATA (@25ºC Unless Otherwise Noted)*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
Typical LED Forward Voltage Drop
vs. Temperature
LED Forward Current (mA)
024
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Typical Turn-On Time
vs. LED Forward Current
(I
L=100mA)
T
A=85ºC
T
A=25ºC
T
A=-40ºC
LED Forward Current (mA)
024
68
10
0.0
0.1
0.2
0.3
0.4
0.5
Typical Turn-Off Time
vs. LED Forward Current
(I
L=100mA)
T
A=-40ºC
T
A=25ºC
T
A=85ºC
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
Typical I
F for Switch Operation
vs. Temperature
(I
L=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Typical Turn-On Time
vs. Temperature
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.15
0.20
0.25
0.30
0.35
0.40
Typical Turn-Off Time
vs. Temperature
(I
F=5mA, IL=100mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
5
10
15
20
25
On-Resistance vs. Temperature
(I
F=5mA, IL=100mA)
LED Forward Current (mA)
02
4
6
8
10
18.14
18.16
18.18
18.20
18.22
18.24
18.26
On-Resistance vs. LED Current
(I
L=100mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2
4
6
8
10
12
14
16
18
Typical Leakage Current
vs. Temperature
(I
F=5mA, IL=100mA, VL=350V)
Applied Voltage (V)
0
5
10
15
20
10
20
30
40
50
60
70
80
90
100
Output Capacitance
vs. Applied Voltage
(I
F=0mA, f=1MHz)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
150
200
250
300
Current Limit vs. Temperature
(I
F=5mA)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com