Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77816 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX77816 Datasheet HTML 1Page - Maxim Integrated Products MAX77816 Datasheet HTML 2Page - Maxim Integrated Products MAX77816 Datasheet HTML 3Page - Maxim Integrated Products MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
General Description
The MAX77816 is a high-current, high-efficiency
buck-boost regulator targeting single-cell Li-ion battery-
powered applications. It supports a wide output voltage
range from 2.60V to 5.14V. The IC allows 5A (TYP) maxi-
mum switch current. In buck mode, the output current can
go as high as 4A, and in boost mode, the maximum out-
put current can be 3A. A unique control algorithm allows
high efficiency, outstanding line/load transient response,
and seamless transition between buck and boost modes.
The IC features I2C-compatible serial interface. The I2C
interface allows the output voltage to be dynamically
adjusted thus enabling finer control of system power con-
sumption. The I2C interface also provides features such
as enable control and device status monitoring.
The multifunction GPIO pin is register settable to 5
different options such as FPWM mode enable and induc-
tor peak current level selection. These options provide
design flexibility that allows the IC to cover a wide range
of applications and use cases.
Applications
● Smartphones and Tablets
● Wearable Devices
● Wireless Communication Devices
● RF Power Amplifiers
● Battery-Powered Applications
Benefits and Features
● Buck and Boost Operation Including Seamless
Transition between Buck and Boost Modes
• 2.3V to 5.5V VIN Range
• 2.60V to 5.14V VOUT with 20mV Step
• 3A Minimum Continuous Output Current
(VINBB ≥ 3.0V, VOUTBB = 3.3V)
• Burst Current: 3.6A Minimum Output Current for
800µs (VINBB ≥ 3.0V, VOUTBB = 3.3V)
● I2C Serial Interface Allows Dynamic VOUT
Adjustment and Provides Design Flexibility
● 97.5% Peak Efficiency
● 40µA Quiescent Current
● Safety Features Enhance Device and System
Reliability
• Soft-Start
• True Shutdown™
• Thermal Shutdown and Short-Circuit Protection
● Multifunction GPIO Pin
•
MAX77816A: FPWM Mode Enable
•
MAX77816B: Inductor Peak Current-Limit selection
•
MAX77816C: Output Coltage Selection
•
MAX77816D: Power-OK indicator
•
MAX77816E: Interrupt Indicator
● Small Size: 1.827mm x 2.127mm, 20-Bump WLP,
0.4mm Pitch
Ordering Information appears at end of data sheet.
19-100055; Rev 0; 6/17
True Shutdown is a trademark of Maxim Integrated Products, Inc.
Typical Application Circuit
MAX77816
GND
GPIO
EN
PGNDBB
FB_BB
OUTBB
LXBB 2
LXBB 1
INBB
SYS
SDA
SCL
1µH
1µF
47µF
10µF
VOUT
VIN
1.5kΩ
1.5kΩ
1.8V
1.8V
100kΩ
REQUIRED WHEN
GPIO IS CONFIGURED
AS OUTPUT
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
EVALUATION KIT AVAILABLE


Similar Part No. - MAX77816

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816 Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
MAX77816AEWP+T MAXIM-MAX77816AEWP+T Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
MAX77816BEWP+T MAXIM-MAX77816BEWP+T Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
MAX77816CEWP+T MAXIM-MAX77816CEWP+T Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
MAX77816DEWP+T MAXIM-MAX77816DEWP+T Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results

Similar Description - MAX77816

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL91107 INTERSIL-ISL91107 Datasheet
135Kb / 2P
High Efficiency Buck-boost Regulator with 3.8A Switches
March 12, 2015
ISL91107IR INTERSIL-ISL91107IR Datasheet
608Kb / 13P
High Efficiency Buck-Boost Regulator with 4.1A Switches
March 2, 2015
ISL91127 INTERSIL-ISL91127 Datasheet
117Kb / 2P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 9, 2016
ISL91127IR INTERSIL-ISL91127IR Datasheet
751Kb / 12P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 3, 2016
ISL91128 INTERSIL-ISL91128 Datasheet
121Kb / 2P
High Efficiency Buck-Boost Regulator with 4.5A Switches
August 3, 2016
logo
Renesas Technology Corp
ISL91107 RENESAS-ISL91107 Datasheet
920Kb / 14P
High Efficiency Buck-Boost Regulator with 3.6A Switches
ISL91107IR RENESAS-ISL91107IR Datasheet
808Kb / 13P
High Efficiency Buck-Boost Regulator with 4.1A Switches
ISL91108 RENESAS-ISL91108 Datasheet
577Kb / 9P
High Efficiency Buck-Boost Regulator with 4.2A Switches
ISL91127 RENESAS-ISL91127 Datasheet
1Mb / 13P
High Efficiency Buck-Boost Regulator with 4.5A Switches
logo
Maxim Integrated Produc...
MAX77816 MAXIM-MAX77816_V01 Datasheet
1Mb / 30P
High-Efficiency Buck-Boost Regulator with 5A Switches
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com