Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77816 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77816 Datasheet HTML 17Page - Maxim Integrated Products MAX77816 Datasheet HTML 18Page - Maxim Integrated Products MAX77816 Datasheet HTML 19Page - Maxim Integrated Products MAX77816 Datasheet HTML 20Page - Maxim Integrated Products MAX77816 Datasheet HTML 21Page - Maxim Integrated Products MAX77816 Datasheet HTML 22Page - Maxim Integrated Products MAX77816 Datasheet HTML 23Page - Maxim Integrated Products MAX77816 Datasheet HTML 24Page - Maxim Integrated Products MAX77816 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
CONFIG2
Configuration Register2
ADDRESS
ACCESS TYPE
TYPE: O
RESET VALUE: 0x71
0x03
Read, Write
BIT
NAME
POR
DESCRIPTION
7
RESERVED
0
6
BB_EN
1
0: Disable buck-boost output
1: Enable buck-boost output
5
EN_PD
1
EN Input Pulldown Resistor Enable Setting
0: Disable
1: Enable
4
POK_POL
1
0: Active low
1: Active high
3
RESERVED
0
2:0
GPIO_CFG[2:0]
001
(A version)
GPIO Pin Function Configuration
001b: FPWM mode enable, MAX77816A default
010b: Inductor peak current-limit selection,
MAX77816B default
011b: Output voltage selection, MAX77816C default
100b: Power-OK status indication, MAX77816D default
101b: Interrupt indication, MAX77816E default
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com