Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77816 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX77816
Description  High-Efficiency Buck-Boost Regulator with 5A Switches
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77816 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX77816 Datasheet HTML 1Page - Maxim Integrated Products MAX77816 Datasheet HTML 2Page - Maxim Integrated Products MAX77816 Datasheet HTML 3Page - Maxim Integrated Products MAX77816 Datasheet HTML 4Page - Maxim Integrated Products MAX77816 Datasheet HTML 5Page - Maxim Integrated Products MAX77816 Datasheet HTML 6Page - Maxim Integrated Products MAX77816 Datasheet HTML 7Page - Maxim Integrated Products MAX77816 Datasheet HTML 8Page - Maxim Integrated Products MAX77816 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
(VSYS = VINBB = +3.8V, VFB_BB = VOUTBB = +3.3V, TA = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.)
(Note 3)
Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE INPUT (EN)
EN Logic-Low Threshold
VEN_L
VSYS ≤ 5.5V, TA = +25°C
0.4
V
EN Logic-High Threshold
VEN_H
VSYS ≤ 5.5V, TA = +25°C
1.2
V
EN Internal Pulldown
Resistance
REN
Pulldown resistor to GND
400
800
1600
kΩ
GENERAL PURPOSE INPUT/OUTPUT (GPIO)
Input Logic-Low Threshold
VGPI_L
GPIO[2:0] = 001b or 010b or 011b,
VSYS ≤ 4.5V, TA = +25°C
0.4
V
Input Logic-High Threshold
VGPI_H
GPIO[2:0] = 001b or 010b or 011b,
VSYS ≤ 4.5V, TA = +25°C
1.2
V
Input Internal Pulldown
Resistance
REN
GPIO[2:0] = 001b or 010b or 011b,
Pulldown resistor to GND
400
800
1600
V
Output Low Voltage
VGPO_L
GPIO[2:0] = 100b or 101b, ISINK = 1mA
0.4
V
Output Leakage Current
IGPO_25C
GPIO[2:0]=100b or 101b, TA = +25°C
-1
+1
µA
IGPO_85C
GPIO[2:0] = 100b or 101b, TA = +85°C
(Note 5)
0.1
POK Threshould
VPOK_R
GPIO[2:0] = 100b, VOUTBB rising,
expressed as a percentage of VOUTBB
92.5
%
VPOK_F
GPIO[2:0] = 100b, VOUTBB falling,
expressed as a percentage of VOUTBB
90
I2C-COMPATIBLE INTERFACE─I/O STAGE
SCL, SDA Input High Voltage
VIH
1.4
V
SCL, SDA Input Low Voltage
VIL
0.4
V
SCL, SDA Input Hysteresis
VHYS
(Note 5)
0.1
V
SCL, SDA Input Current
II
-10
10
µA
SDA Output Low Voltage
VOL
ISINK = 3mA
0.4
V
SCL, SDA Input Capacitance
CI
10
pF
Maximum Pulse Width
of Spikes that must be
suppressed by the input filter
tSP
(Note 5)
50
ns
MAX77816
High-Efficiency Buck-Boost Regulator
with 5A Switches
www.maximintegrated.com
Maxim Integrated │ 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com