Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EP Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 3Page - STMicroelectronics STWBC-EP Datasheet HTML 4Page - STMicroelectronics STWBC-EP Datasheet HTML 5Page - STMicroelectronics STWBC-EP Datasheet HTML 6Page - STMicroelectronics STWBC-EP Datasheet HTML 7Page - STMicroelectronics STWBC-EP Datasheet HTML 8Page - STMicroelectronics STWBC-EP Datasheet HTML 9Page - STMicroelectronics STWBC-EP Datasheet HTML 10Page - STMicroelectronics STWBC-EP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
DocID030747 Rev 1
7/32
STWBC-EP
STWBC-EP system architecture
32
2
STWBC-EP system architecture
Figure 2 illustrates the overall system blocks implemented in the STWBC-EP architecture.
The STWBC-EP is a flexible controller that supports a half bridge coil driver together with
a DC/DC controller, which regulates the input voltage of the bridge in order to control the
amount of the power transmitter to the receiver.
The digital controller also regulates the half bridge operating frequency and duty cycle to
further adjust the amount of power increasing the overall efficiency at the light load.
It implements the WPC 1.2 protocol, including foreign object detection (FOD) extensions. An
accurate Q-factor measurement provides enhanced FOD.
The STWBC-EP is able to manage both WPC Baseline Power Profile (up to 5 W) and
Extended Power Profile (EPP).
Figure 2. STWBC-EP device architecture
Firmware
The STWBC-EP firmware is available in a turnkey software package distributed as a binary
file.
The STWBC-EP provides UART communication interface, for external programming of
parameters and STWBC-EP control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com