Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EP Datasheet(PDF) 21 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 17Page - STMicroelectronics STWBC-EP Datasheet HTML 18Page - STMicroelectronics STWBC-EP Datasheet HTML 19Page - STMicroelectronics STWBC-EP Datasheet HTML 20Page - STMicroelectronics STWBC-EP Datasheet HTML 21Page - STMicroelectronics STWBC-EP Datasheet HTML 22Page - STMicroelectronics STWBC-EP Datasheet HTML 23Page - STMicroelectronics STWBC-EP Datasheet HTML 24Page - STMicroelectronics STWBC-EP Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
DocID030747 Rev 1
21/32
STWBC-EP
Electrical characteristics
32
Table 10. Current DC characteristics
Symbol
Description
Min.
Typ.
Max.(1)
Unit
IOL1
Standard output low level current at 3.3 V and VOL1(2)
-
-
1.5
mA
IOL2
Standard output low level current at 5 V and VOL2(2)
--
3
IOLhs1
High sink output low level current at 3.3 V and VOL3(3)
--
5
IOLhs2
High sink output low level current at 5 V and VOL3(3)
-
-
7.75
IOH1
Standard output high level current at 3.3 V and VOH1(2)
-
-
1.5
IOH2
Standard output high level current at 5 V and VOLH2(2)
--
3
IOHhs1
High sink output high level current at 3.3 V and VOH3(3)
--
5
IOHhs2
High sink output high level current at 5 V and VOH3(3)
-
-
7.75
ILKg
Input leakage current digital - analog VSS VIN VDD(4)
-
-
± 1
μA
I_Inj
Injection current(5), (6)
-
-
± 4
mA
I_Inj
Total injection current (sum of all I/O and control pins)(5)
-
-
± 20
1. Data based on characterization result, not tested in production.
2. Parameter applicable to signals: PWM_QFOD, DNBL, LED, QC_IO, DCDC_DRV, DCDC_DAC, UPBL, UART_TX.
3. Parameter applicable to the signals: SWIM, DEMAGNET.
4. Applicable to any digital inputs.
5. The maximum value must never be exceeded.
6. The negative injection current on the TANK_VOLTAGE, VTARGET, QFOD_ADC, COIL_TEMP, ISENSE, VMAIN pins have
to be avoided since it affects ADC conversion accuracy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com