Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWBC-EP Datasheet(PDF) 9 Page - STMicroelectronics

Part # STWBC-EP
Description  Digital controller for wireless battery chargers transmitters for Qi 15 W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWBC-EP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STWBC-EP Datasheet HTML 5Page - STMicroelectronics STWBC-EP Datasheet HTML 6Page - STMicroelectronics STWBC-EP Datasheet HTML 7Page - STMicroelectronics STWBC-EP Datasheet HTML 8Page - STMicroelectronics STWBC-EP Datasheet HTML 9Page - STMicroelectronics STWBC-EP Datasheet HTML 10Page - STMicroelectronics STWBC-EP Datasheet HTML 11Page - STMicroelectronics STWBC-EP Datasheet HTML 12Page - STMicroelectronics STWBC-EP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
DocID030747 Rev 1
9/32
STWBC-EP
STWBC-EP pinout and pin description
32
4
STWBC-EP pinout and pin description
This section shows the pinout used by the STWBC-EP.
Figure 4. STWBC-EP configuration
Table 2. Pinout description
Pin number
Pin name
Pin type
Description
1
UART_RX
DI
UART RX link on USB debug connector
2
PWM_QFOD
DO
PWM dedicated to QFOD circuit
3
I2C_SDA
DI
I2C_SDA
4
I2C_SCL
DI
I2C_SCL
5
DNBL
DO
Output signal for HB low-side driver
6
LED
DO
Digital output for green and red LEDs indicators
7
QC_IO
DO
Quick Charge™ circuit signal
8
CMP_OUT_V
AI
Boost output voltage sensing
9
CS_CMP
AI
Boost current sensing
10
DCDC_DAC_REF
AI
DAC reference value for boost output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com