Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 4 Page - Analog Devices

Part # MAT02
Description  Low-noise, matched dual monolithic transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 4 Page - Analog Devices

  MAT02_17 Datasheet HTML 1Page - Analog Devices MAT02_17 Datasheet HTML 2Page - Analog Devices MAT02_17 Datasheet HTML 3Page - Analog Devices MAT02_17 Datasheet HTML 4Page - Analog Devices MAT02_17 Datasheet HTML 5Page - Analog Devices MAT02_17 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MAT02
Table I(cont’d)
Parameter
See notes at end of table
Symbol
Conditions 1/
Sub-
group
Limit
Min
Limit
Max
Units
Collector Base Leakage Current
ICBO
VCB = 40V
1
200
pA
Collector Emitter Leakage
Current 4/
ICES
VCE = 40V, VBE = 0V
1
200
Collector-Collector Leakage
Current 4/
ICC
VCC = 40V
1
200
Bias Current
IB
VCB = 0V, 40V
1
25
nA
2, 3
60
Collector Saturation Voltage
VCESAT
IC = 1mA, IB = 100A
1
0.1
V
Breakdown Voltage
BVCEO
IC = 100A
1
40
Noise voltage density
en
IC=1mA,
fO = 10Hz
7
2
Hz
nV/
VCB=0V
fO = 100Hz
1
fO = 1000Hz
1
fO = 10KHz
1
TABLE I NOTES:
1/
VCB = 15V; IC = 10A, unless otherwise specified.
2/
Current gain match (hFE) is defined as:
C
FE
B
FE
h
I
min
)
I
(
100
h
3/
Measured at IC = 10A and guaranteed by design over 1A IC  1mA.
4/
ICC and ICES are verified by measurement of ICBO.
5/
Guaranteed by VOS test

BE
OS
OS
OS
V
V
for
T
V
TCV
T = 298°K for TA = +25°C.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com