Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 6 Page - Analog Devices

Part # MAT02
Description  Low-noise, matched dual monolithic transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 6 Page - Analog Devices

  MAT02_17 Datasheet HTML 1Page - Analog Devices MAT02_17 Datasheet HTML 2Page - Analog Devices MAT02_17 Datasheet HTML 3Page - Analog Devices MAT02_17 Datasheet HTML 4Page - Analog Devices MAT02_17 Datasheet HTML 5Page - Analog Devices MAT02_17 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MAT02
Rev
Description of Change
Date
A
Initiate
Aug. 29, 2000
B
Correct typo at Dice temperature range, change RC package JC from
18 to 35°C/W, correct typo’s on table I (subscript), make correction
to Table I note 3 (change from “Measured at I
C = 10mA and guaranteed by
design over 10mA IC  1mA”
to “Measured at I
C = 10A and guaranteed by
design over 1A IC  1mA”),
add subgroup 7 for en, add subgroup 7 to
table II, delete subgroups 4, 5, 6 from table II.
Jan. 7, 2002
C
Update web address. Delete burn-in and rad circuits
June 20, 2003
D
Update package offering
Oct. 10, 2007
E
Update header/footer & add to 1.0 Scope description.
Feb. 25,2008
F
Remove operating junction temperature line and change to Dice
Junction Temperature (TJ...150°C)
March 31, 2008
G
MAT02-913H – removed because its obsolete
Sept. 23, 2014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com