Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT02 Datasheet(PDF) 3 Page - Analog Devices

Part # MAT02
Description  Low-noise, matched dual monolithic transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT02 Datasheet(HTML) 3 Page - Analog Devices

  MAT02_17 Datasheet HTML 1Page - Analog Devices MAT02_17 Datasheet HTML 2Page - Analog Devices MAT02_17 Datasheet HTML 3Page - Analog Devices MAT02_17 Datasheet HTML 4Page - Analog Devices MAT02_17 Datasheet HTML 5Page - Analog Devices MAT02_17 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MAT02
3.1
Thermal Characteristics:
Thermal Resistance, TO-78 (H) Package
Junction-to-Case (JC) = 45°C/W Max
Junction-to-Ambient (JA) = 150°C/W Max
Derate linearly at 6.67 mW/°C for ambient temperatures above 70°C.
Terminal Connections 1/
Terminal
6 lead TO
1
C1
2
B1
3
E1
4
E2
5
B2
6
C2
1/ Substrate is connected to case on TO-78 package. Substrate is normally connected to the most
negative circuit potential, but can be floated.
Table I
Parameter
See notes at end of table
Symbol
Conditions 1/
Sub-
group
Limit
Min
Limit
Max
Units
Current Gain
hFE
IC = 1mA; VCB = 0V, 40V
1
500
2, 3
275
IC = 100A; VCB = 0V, 40V
1
500
IC = 100A; VCB = 15V
2, 3
225
IC = 10A; VCB = 0V, 40V
1
400
IC = 10A; VCB = 15V
2, 3
175
IC = 1A; VCB = 0V, 40V
1
300
IC = 1A; VCB = 15V
2, 3
150
Current Gain Match 2/
h
FE
IC=10A,100A,1mA; VCB=0V
1
2
%
Offset Voltage
VOS
VCB = 0V
1
50
V
2, 3
80
Offset Voltage vs. Temperature
5/
TCVOS
VCB = 0V
0.3
V/°C
Offset Voltage vs. VCB 3/
V
OS
/VCB
VCB = 0V, 40V
1
25
V
Offset Voltage vs. Collector
Current
V
OS/IC
VCB = 0V; IC = 10A, 1mA
1
25
Input Offset Current
IOS
VCB = 0V, 40V
1
0.6
nA
2, 3
9.0
Offset Current vs. VCB
I
OS
/VCB
VCB = 0V, 40V
1
70
pA/V
Bulk Emitter Resistance
rBE
1
0.5




Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com