Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA3525A.. Datasheet(PDF) 5 Page - ON Semiconductor

Part # KA3525A..
Description  SMPS Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA3525A.. Datasheet(HTML) 5 Page - ON Semiconductor

  KA3525A.. Datasheet HTML 1Page - ON Semiconductor KA3525A.. Datasheet HTML 2Page - ON Semiconductor KA3525A.. Datasheet HTML 3Page - ON Semiconductor KA3525A.. Datasheet HTML 4Page - ON Semiconductor KA3525A.. Datasheet HTML 5Page - ON Semiconductor KA3525A.. Datasheet HTML 6Page - ON Semiconductor KA3525A.. Datasheet HTML 7Page - ON Semiconductor KA3525A.. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
KA3525A
4
Test Circuit
16
15
12
1
2
9
8
10
5
7
13
11
14
36
BAND GAP
REF 5V
U.V.L.O.
A
B
0.1
Vcc
0.1
3k
RWM
ADJ
10k
1.5K
10K
0.01
5.0uF
5.0k
5.0k
5.0k
100
F/F
ERR
AMP
ERR
AMP
OSCILLATOR
LATCH
S
S
R
SOFT START
+
SHUTDOWN
VREF
CT
RAMP
0.009
0.1
+
3.6k
0.001
DEAD
TIME
OUT B
10k
10k
OUT A
VC
CLOCK
_
+
+
_
RT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com