Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA3525A.. Datasheet(PDF) 3 Page - ON Semiconductor

Part # KA3525A..
Description  SMPS Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA3525A.. Datasheet(HTML) 3 Page - ON Semiconductor

  KA3525A.. Datasheet HTML 1Page - ON Semiconductor KA3525A.. Datasheet HTML 2Page - ON Semiconductor KA3525A.. Datasheet HTML 3Page - ON Semiconductor KA3525A.. Datasheet HTML 4Page - ON Semiconductor KA3525A.. Datasheet HTML 5Page - ON Semiconductor KA3525A.. Datasheet HTML 6Page - ON Semiconductor KA3525A.. Datasheet HTML 7Page - ON Semiconductor KA3525A.. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA3525A
2
Absolute Maximum Ratings
Electrical Characteristics
(VCC = 20V, TA = 0 to +70
°C, unless otherwise specified)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Collector Supply Voltage
VC
40
V
Output Current, Sink or Source
IO
500
mA
Reference Output Current
IREF
50
mA
Oscillator Charging Current
ICHG(OSC)
5mA
Power Dissipation (TA = 25
°C)
PD
1000
m/W
Operating Temperature
TOPR
0 ~ +70
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Lead Temperature (Soldering, 10sec)
TLEAD
+300
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
REFERENCE SECTION
Reference Output Voltage
VREF
TJ = 25
°C5.0
5.1
5.2
V
Line Regulation
∆VREF
VCC = 8 to 35V
-
9
20
mV
Load Regulation
∆VREF
IREF = 0 to 20mA
-
20
50
mV
Short Circuit Output Current
ISC
VREF = 0, TJ = 25
°C
-
80
100
mA
Total Output Variation (Note1)
∆VREF
Line, Load and Temperature
4.95
-
5.25
V
Temperature Stability (Note1)
STT
-
-20
50
mV
Long Term Stability (Note1)
ST
TJ = 125
°C ,1KHRS
-20
50
mV
OSCILLATOR SECTION
Initial Accuracy (Note1, 2)
ACCUR
TJ = 25
°C-
±3
±6%
Frequency Change With Voltage
∆f/∆VCC
VCC = 8 to 35V (Note1, 2)
-
±0.8
±2%
Maximum Frequency
f(MAX)
RT = 2k
Ω, CT = 470pF
400
430
-
kHz
Minimum Frequency
f(MIN)
RT = 200k
Ω, CT = 0.1uF
-
60
120
Hz
Clock Amplitude (Note1, 2)
V(CLK)
-
34
-
V
Clock Width (Note1, 2)
tW(CLK)
TJ = 25
°C0.3
0.6
1
µs
Sync Threshold
VTH(SYNC)
-
1.2
2
2.8
V
Sync Input Current
II(SYNC)
Sync = 3.5V
-
1.3
2.5
mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com