Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA3525A.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # KA3525A..
Description  SMPS Controller
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA3525A.. Datasheet(HTML) 2 Page - ON Semiconductor

  KA3525A.. Datasheet HTML 1Page - ON Semiconductor KA3525A.. Datasheet HTML 2Page - ON Semiconductor KA3525A.. Datasheet HTML 3Page - ON Semiconductor KA3525A.. Datasheet HTML 4Page - ON Semiconductor KA3525A.. Datasheet HTML 5Page - ON Semiconductor KA3525A.. Datasheet HTML 6Page - ON Semiconductor KA3525A.. Datasheet HTML 7Page - ON Semiconductor KA3525A.. Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
•5V
±1% Reference
• Oscillator Sync Terminal
• Internal Soft Start
• Deadtime Control
• Under Voltage Lockout
Description
The KA3525A is a monolithic integrated circuit that
includes all of the control circuits necessary for a pulse width
modulating regulator. There are a voltage reference, an error
amplifier, a pulse width modulator, an oscillator, an under
voltage lockout, a soft start circuit, and the output driver in
the chip.
16-DIP
1
Internal Block Diagram
16
15
12
1
2
9
8
10
5
7
3
6
4
14
11
13
U.V.L.O.
BAND GAP
REF 5V
LATCH
S
R
F/F
Q
Q
5K
VC
OUTPUT A
OUTPUT B
OSCILLATOR
DISCHARGE
5K
ERR
AMP
PWM
COMP
_
+
_
+
CT
VREF
VCC
GND
EA(-)
EA(+)
EAOUT
C
(SOFT
START)
SHUT DOWN
SYNC
RT
OSC
OUTPUT
KA3525A
SMPS Controller



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com