Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9063L Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 70Page - Dialog Semiconductor DA9063L Datasheet HTML 71Page - Dialog Semiconductor DA9063L Datasheet HTML 72Page - Dialog Semiconductor DA9063L Datasheet HTML 73Page - Dialog Semiconductor DA9063L Datasheet HTML 74Page - Dialog Semiconductor DA9063L Datasheet HTML 75Page - Dialog Semiconductor DA9063L Datasheet HTML 76Page - Dialog Semiconductor DA9063L Datasheet HTML 77Page - Dialog Semiconductor DA9063L Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
74 of 173
© 2017 Dialog Semiconductor
6.9
Voltage Regulators
Three types of low drop-out regulators (LDOs) are integrated on the DA9063L: for sensitive analog
rails (for example, RF transceiver supply), the low noise regulators offer high PSRR across a wide
frequency range; the LDOs provide an optimized PSRR and noise performance with lowest
quiescent current. Quiescent current has been optimized for the always-on type regulators.
The regulators employ Dialog Semiconductor’s Smart Mirror™ dynamic biasing that guarantees
PSRR to be maintained across the full current range. Quiescent current consumption is dynamically
adjusted to the load, which improves efficiency at light load conditions. Furthermore, Dialog
Semiconductor’s Smart Mirror™ technology allows the capacitor to be placed close to the load.
Note
When placing an LDO capacitor remotely from the DA9063L, the voltage drop (= load current * parasitic PCB
impedance) needs to be considered when configuring the LDO output voltage.
Table 33: Regulator Control
Regulator
Type
VOUT
Steps
(mV)
Mode
Output
Voltage
(V)
Supplied
Max.
Current
(mA)
Current
Limit
LDO/
Bypass
(mA)
VOUT Control
Notes
LDO3
Standard
20
Bypass
0.9 to 3.44
200
400/200
DVC variable
slew rate
LDO7
Standard
50
Bypass
0.9 to 3.6
200
400/300
VOUT
programmable
LDO8
Standard
50
Bypass
0.9 to 3.6
200
400/300
VOUT
programmable
Switching
vibration
motor driver,
common
supply with
LDO7
LDO9
Low noise
50
0.95 to 3.6
200
400
VOUT
programmable
LDO11
Standard
50
Bypass
0.9 to 3.6
300
400/300
VOUT
programmable
LDOCORE
Always-on
2.5
±2%
accuracy
4
VOUT non-
programmable
Internal LDO
6.9.1
Regulators Controlled by Software
The regulators can be programmed via the power manager interface. All regulators can be enabled
or disabled by a write command to the enable bit LDOxx_EN. Each LDO has two voltage registers for
output voltage A and B. The appropriate values are stored in the registers VLDOxx_A and
VLDOxx_B. The specific output voltage is selected with the bit VLDOxx_SEL. Changes to this control
result in immediate output voltage changes on non-DVC regulators and ramped voltage transitions
on DVC-enabled regulators. The output voltage can also be changed by directly re-programming the
voltage control register. The sequencer also uses these registers and may write to them: their
contents can therefore be found to differ from previous write commands.
For security reasons, the re-programming of registers that may cause damage when being
incorrectly programmed (for example, voltage settings) can be disabled with control V_LOCK. This
disables write access to registers with an address higher than 0x7F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com