Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9063L Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 17Page - Dialog Semiconductor DA9063L Datasheet HTML 18Page - Dialog Semiconductor DA9063L Datasheet HTML 19Page - Dialog Semiconductor DA9063L Datasheet HTML 20Page - Dialog Semiconductor DA9063L Datasheet HTML 21Page - Dialog Semiconductor DA9063L Datasheet HTML 22Page - Dialog Semiconductor DA9063L Datasheet HTML 23Page - Dialog Semiconductor DA9063L Datasheet HTML 24Page - Dialog Semiconductor DA9063L Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
21 of 173
© 2017 Dialog Semiconductor
5.6
HS 2-Wire Control Bus
CLK/SK
DATA/SI
STH
CLKL
CLKH
DST
TSS
DHT
Figure 7: 2-Wire Bus Timing
Table 11: HS 2-Wire Control Bus Electrical Characteristics, TJ = -40 ºC to +125 ºC
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Bus free time STOP to START
0.5
µs
Bus line capacitive load
Cb
150
pF
Standard/Fast/Fast+ Mode
CLK clock frequency
Note 1
0
1000
kHz
Bus free time STOP to START
0.5
µs
Start condition set-up time
0.26
µs
Start condition hold time
STH
0.26
µs
CLK low time
CLKL
0.5
µs
CLK high time
CLKH
0.26
µs
2-WIRE CLK and DATA rise
time
(input requirement)
1000
ns
2-WIRE CLK and DATA fall
time
(input requirement)
300
ns
Data set-up time
DST
50
ns
Data hold-time
DHT
0
ns
Data valid time
0.45
µs
Data valid time acknowledge
0.45
µs
Stop condition set-up time
TSS
0.26
µs
High Speed Mode
CLK clock frequency
Requires VDDIO ≥ 1.8 V
Note 1
0
3400
kHz
Start condition set-up time
160
ns
Start condition hold time
STH
160
ns
CLK low time
CLKL
160
ns
CLK high time
CLKH
60
ns
2-WIRE CLKH and SDAH
rise/fall time
Input requirement
160
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com