Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9063L Datasheet(PDF) 13 Page - Dialog Semiconductor

Part # DA9063L
Description  System PMIC for Mobile and Automotive Applications
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9063L Datasheet(HTML) 13 Page - Dialog Semiconductor

Back Button DA9063L Datasheet HTML 9Page - Dialog Semiconductor DA9063L Datasheet HTML 10Page - Dialog Semiconductor DA9063L Datasheet HTML 11Page - Dialog Semiconductor DA9063L Datasheet HTML 12Page - Dialog Semiconductor DA9063L Datasheet HTML 13Page - Dialog Semiconductor DA9063L Datasheet HTML 14Page - Dialog Semiconductor DA9063L Datasheet HTML 15Page - Dialog Semiconductor DA9063L Datasheet HTML 16Page - Dialog Semiconductor DA9063L Datasheet HTML 17Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 173 page
background image
DA9063L
System PMIC for Mobile and Automotive Applications
Datasheet
DA9063L_2v1
05-Apr-2017
CFR0011-120-00
13 of 173
© 2017 Dialog Semiconductor
Pin
Pin name
Alternate
Function
Type
(Table 2)
Description
2-Wire Interface
A4
A5
Connect to ground
A7
DATA
GPIO14
DIO
HS 2-WIRE data / GPIO14 (optional reset if long
press in parallel with GPI15) with high power
output and blinking feature
A8
CLK
GPIO15
DI
HS 2-WIRE clock / GPIO15 (optional reset if
long press in parallel with GPI14) with high
power output and blinking feature
B3
Connect to ground
B4
Connect to ground
Voltage Regulators
A3
VSYS
PWR
Supply voltage for PMIC and input for voltage
supervision
(decouple with 1.0 µF)
A6
VDDCORE
AO
Regulated supply for internal circuitry
(2.2 V/2.5 V)
(decouple with 2.2 µF)
C1
VLDO11
AO
Output voltage from LDO11
D1
D2
VDD_LDO11
PWR
Supply voltage for LDO11
E1
VLDO9
AO
Output voltage from LDO9
E2
VDD_LDO7_8
PWR
Supply voltage for LDO7 and LDO8
E3
VDD_LDO9
PWR
Supply voltage for LDO9
F1
VLDO8
AO
Output voltage from LDO8
F2
VLDO7
AO
Output voltage from LDO7
F3
Connect to ground
G1
G2
Connect to ground
G3
VDD_LDO3
PWR
Supply voltage for LDO3
G4
Connect to ground
H1
H2
Connect to ground
H3
Connect to ground
J1
K1
VLDO3
AO
Output voltage from LDO3
K2
K3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com