Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8367S Datasheet(PDF) 4 Page - Analog Devices

Part # AD8367S
Description  Variable Gain Amplifier with Automatic Gain Control Detector
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8367S Datasheet(HTML) 4 Page - Analog Devices

  AD8367S Datasheet HTML 1Page - Analog Devices AD8367S Datasheet HTML 2Page - Analog Devices AD8367S Datasheet HTML 3Page - Analog Devices AD8367S Datasheet HTML 4Page - Analog Devices AD8367S Datasheet HTML 5Page - Analog Devices AD8367S Datasheet HTML 6Page - Analog Devices AD8367S Datasheet HTML 7Page - Analog Devices AD8367S Datasheet HTML 8Page - Analog Devices AD8367S Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Gain Control Interface (GAIN)
10 MHz
Gain Range ...................................................................................................................................... 45 dB
Maximum Gain (GAIN = 950 mV) ............................................................................................... +42.5 dB
Minimum Gain (GAIN = 50 mV) ..................................................................................................... -2.5 dB
Scaling Factor (MODE = HI, 50 mV < GAIN < 950 mV)........................................................... +20 mV/dB
Scaling Factor (MODE = LO, 50 mV < GAIN < 950 mV)........................................................... -20 mV/dB
Gain Law Conformance ................................................................................................................. ±0.2 dB
GAIN Step Response from 0 dB to 30 dB ....................................................................................... 300 ns
GAIN Step Response from 30 dB to 0 dB ....................................................................................... 300 ns
140 MHz
Maximum Gain
……………………................................................................................................ +43.5 dB
Minimum Gain …………………. ..................................................................................................... -3.6 dB
Gain Scaling Factor
………………………………………………................................................. 19.7 mV/dB
Gain Intercept
………….................................................................................................................. -5.3 dB
Noise Figure (Maximum Gain)…………........................................................................................... 7.4 dB
Output IP3 (f1 = 140 MHz, f2 = 141 MHz, VGAIN = 0.5 V)........................................................... 32.7 dBm
Output 1 dB Compression Point (VGAIN = 0.5 V)......................................................................... 14.4 dBm
190 MHz
Maximum Gain ……………………................................................................................................ +43.5 dB
Minimum Gain …………………. ..................................................................................................... -3.8 dB
Gain Scaling Factor………………………………………………................................................. 19.6 mV/dB
Gain Intercept ………….................................................................................................................. -5.3 dB
Noise Figure (Maximum Gain)…………........................................................................................... 7.5 dB
Output IP3 (f1 = 190 MHz, f2 = 191 MHz, VGAIN = 0.5 V)........................................................... 30.9 dBm
Output 1 dB Compression Point (VGAIN = 0.5 V)......................................................................... 14.4 dBm
NOTES
1/ Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions outside of those indicated in the operation sections of this specification is not implied. Exposure
to absolute maximum ratings for extended periods may affect device reliability.
2/ Measurement taken under absolute worst case condition and represents data taken with a thermal camera for highest power density location. See
MIL-STD-1835 for average package Theta JC numbers.
3/ The output dc centering voltage is normally set at VPS/2 and can be adjusted by applying a voltage to DECL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com